Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JK06DM48SW1 Datasheet(PDF) 8 Page - Japan Aviation Electronics Industry, Ltd.

Part # JK06DM48SW1
Description  VG95234 Qualified Circular Waterproof Connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JK06DM48SW1 Datasheet(HTML) 8 Page - Japan Aviation Electronics Industry, Ltd.

Back Button JK06DM48SW1 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW1 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW1 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW1 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW1 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW1 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW1 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW1 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. JK06DM48SW1 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MB-0285-3
8/10
JAE Connector 2nd Sales Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
Connected to conduit by attaching
PMA conduit adapter
Size 28, 37 position Panel Mount Receptacle
JK06AK37P*1 (Drawing Number: SJ114014)
Size 28, 37 position Plug (Conduit Compatible Type)
JK06DK37S*1 (Drawing Number: SJ114015)
JK06DK37S*2 (Drawing Number: SJ115734)
Connected to conduit by
attaching PMA conduit adapter
Applicable Condit Adapter
PMA made product Part Number: BVNV-P299 SVNV-P299 NVNV-P299 MVNV-P299
Outer Information
Outer shape and dimensions are for reference only, please refer to part drawings for further
product information. (Unit: mm)
(44.5)
4-Φ3.7
24.05
39.7
5
96
(スパナ掛け)
17
58
50.8
(コンジットアダプタ寸法)
24.05
5
Please contact PMA import agent Captain Industries, Inc. (URL: http://www.capind.co.jp)
for more information concerning PMA conduit adapter.
(44.5)
(コンジットアダプタ寸法)
(スパナ掛け)
4-Φ3.7
39.7
50.8
95.5
Size 28, 37 position In-line Receptacle (Conduit Compatible Type)
JK06KK37P*1 (Drawing Number: SJ116272)
Applicable Condit Adapter
PMA made product Part Number: BVNV-P299 SVNV-P299 NVNV-P299 MVNV-P299
(Wrench Section)
(Conduit Adapter Dimensions)
(Conduit Adapter Dimensions)
(Wrench Section)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com