Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FO-BD2-R Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # FO-BD2-R
Description  Waterproof I/O Connector to Make Direct Connection with SFP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FO-BD2-R Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  FO-BD2-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FO-BD2-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FO-BD2-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FO-BD2-R Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FO-BD2-R Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MB-0278-2
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
2/5
General Specifications
Items
Specifications and Performance
Operating Temperature
-40 Deg. C to 85 Deg. C
Applicable Cable
-
7.0mm (Standard Diameter) (FO-BD2-P Plug)
-
5.86mm to 7.2 (FO-BD2-P-V2 Plug)
-
8.5mm to 10.0 (FO-BD2-P-V4 Plug)
Repeated Mating
500 times
Cable Clamp Strength
100N min.
(when each plug is applicable maximum cable diameter)
Dustproof and Waterproof
Performance
IP67 (When mated)
Corrosion Resistance
720 hours of salt spray.
Materials and Finishes
Component
Material / Finish
Shell
Zinc alloy / chromium plating (Note 1)
O Ring
Synthetic rubber
■ Receptacle: FO-BD2-R
Note 1: Chromium plating: chromium plating (hexavalent chromium free) over nickel over copper.
Component
Material / Finish
Coupling Nut
Zinc alloy / chromium plating (Note 1)
Barrel
Synthetic resin
Ground Nut
Synthetic resin
Bushing
Synthetic rubber
O Ring
Synthetic rubber
■ Plug: FO-BD2-P, FO-BD2-P-V2, FO-BD2-P-V4
Component
Material / Finish
Cap
Synthetic resin
■ Waterproof Cap for Receptacle (without wire rope): FO-BD2-RCAP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com