Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FO-BD2-R Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # FO-BD2-R
Description  Waterproof I/O Connector to Make Direct Connection with SFP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FO-BD2-R Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  FO-BD2-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FO-BD2-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FO-BD2-R Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FO-BD2-R Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FO-BD2-R Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MB-0278-2
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
3/5
Part Number List
Type
Part Number
Drawing No.
Specification
No.
Handling
Instructions
Receptacle
FO-BD2-R
SJ113293
JACS-70210
JAHL-70210
Plug
(Applicable
cable dia.)
7.0mm
FO-BD2-P
SJ113292
5.86mm to 7.2
FO-BD2-P-V2
SJ115669
8.5mm to 10.0
FO-BD2-P-V4
SJ115958
Waterproof Cap for Receptacle
(without wire rope)
FO-BD2-RCAP
SJ114663
Waterproof Cap for Receptacle
(with wire rope)
FO-BD2-RCAP/WR
SJ113294
Outer Dimensions
■ Receptacle: FO-BD2-R
Panel attachment hole dimensions
(for reference)
Panel attachment compatible with
TE manufactured FullAXS.
■ Waterproof Cap for Receptacle (with wire rope):
FO-BD2-RCAP/WR
Component
Material / Finish
Cap
Synthetic resin
Tapping Screw
Stainless steel
Wire Rope
Copper alloy / nickel plating, stainless steel
Materials and Finishes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com