Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2192 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KA2192
Description  4 IN PUT A/V SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2192 Datasheet(HTML) 2 Page - Samsung semiconductor

  KA2192 Datasheet HTML 1Page - Samsung semiconductor KA2192 Datasheet HTML 2Page - Samsung semiconductor KA2192 Datasheet HTML 3Page - Samsung semiconductor KA2192 Datasheet HTML 4Page - Samsung semiconductor KA2192 Datasheet HTML 5Page - Samsung semiconductor KA2192 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KA2192
4 INPUT A/V SWITCH
BLOCK DIAGRAM
30
29
28
27
25
24
23
22
21
20
19
17
16
EXT1
L TV
R TV
TV-IN
Ls-IN
Sy-IN
TV Polarity
Sc-IN
L1
R1
L2
EXT2
R2
SW1
Vout
Vcc
Vcc
GAIN S/W
C-IN
CLAMP
Y-OUT
MODE-UP
L-OUT
R-OUT
C-OUT
GND
Y-OUT
MUTE
SW2
AV=1
4
18
6dB
Inv
3
4
5
6
9
10
12
15
8
13
1
2
7
11
14
6dB
or
8dB
6dB
4
AV=1
4
+
4 x 1
switch
AV=1
MODE
SELECT
26
3
abc
Rs-IN
2 x 1
switch
pulse gen
mute s/w
a b c d
Decoder 2 X 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com