Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2192 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KA2192
Description  4 IN PUT A/V SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2192 Datasheet(HTML) 4 Page - Samsung semiconductor

  KA2192 Datasheet HTML 1Page - Samsung semiconductor KA2192 Datasheet HTML 2Page - Samsung semiconductor KA2192 Datasheet HTML 3Page - Samsung semiconductor KA2192 Datasheet HTML 4Page - Samsung semiconductor KA2192 Datasheet HTML 5Page - Samsung semiconductor KA2192 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KA2192
4 INPUT A/V SWITCH
ELECTRICAL CHARACTERISTICS(Contiued)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Frequency
Width
f
M
f
YC
f
YC
1V
P-P
Sine Wave
10
10
10
24
39
24
-
-
-
MHz
Clamp Level
C
L
PAL TV Signal
-
21
50
%
Sound Dynamic Range
Sound Gain
V
DY
G
A
1 KHz 1V
P-P
Sine Wave
5
-0.5
6
0
-
0.5
V
P-P
dB
Sound Frequency
Characteristics
f
A
1V
P-P
Sine Wave
100
-
-
KHz
Source Crosstalk
C
A
1 KHz 1V
P-P
60
72
-
Source and Channel
Crosstalk
C
LR
Sine Wave
60
72
-
dB
Sound Mute Atenuation
M
A
60
75
-
dB
SW 1 Threshold VTG
V
TH1
1.0
2.0
3.0
SW 2 Threshold VTG
V
TH2
1.0
2.0
3.0
V
Sound Mute Treshold VTG
V
THM
1.3
2.3
3.3
TV Polarity s/w
Threshold
V
THP
-
4.0
-
V
M
-
0
0.2
Mode Output Voltage
V
M
1.7
2.0
2.3
V
V
M
3.7
4.0
4.5
S
E
TV
A
S



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com