Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC930 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # P89LPC930
Description  8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC930 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button P89LPC930 Datasheet HTML 42Page - NXP Semiconductors P89LPC930 Datasheet HTML 43Page - NXP Semiconductors P89LPC930 Datasheet HTML 44Page - NXP Semiconductors P89LPC930 Datasheet HTML 45Page - NXP Semiconductors P89LPC930 Datasheet HTML 46Page - NXP Semiconductors P89LPC930 Datasheet HTML 47Page - NXP Semiconductors P89LPC930 Datasheet HTML 48Page - NXP Semiconductors P89LPC930 Datasheet HTML 49Page - NXP Semiconductors P89LPC930 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
Philips Semiconductors
P89LPC930/931
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 05 — 15 December 2004
46 of 55
9397 750 14472
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Table 9:
AC characteristics
VDD = 3.0 V to 3.6 V, unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial, unless otherwise specified.[1]
Symbol
Parameter
Conditions
Variable clock
fosc =18MHz
Unit
Min
Max
Min
Max
fRCOSC
internal RC oscillator frequency
7.189
7.557
7.189
7.557
MHz
fWDOSC
internal Watchdog oscillator
frequency
320
520
320
520
kHz
fosc
oscillator frequency
[2] 0
18
-
-
MHz
tCLCL
clock cycle
see Figure 20
55
-
--ns
fCLKP
CLKLP active frequency
0
8
-
-
MHz
Glitch filter
glitch rejection, P1.5/RST pin
-
50
-
50
ns
signal acceptance, P1.5/RST pin
125
-
125
-
ns
glitch rejection, any pin except
P1.5/RST
-
15
-
15
ns
signal acceptance, any pin except
P1.5/RST
50
-
50
-
ns
External clock
tCHCX
HIGH time
see Figure 20
22
tCLCL − tCLCX
22
-
ns
tCLCX
LOW time
see Figure 20
22
tCLCL − tCHCX
22
-
ns
tCLCH
rise time
see Figure 20
-5
-
5
ns
tCHCL
fall time
see Figure 20
-5
-
5
ns
Shift register (UART mode 0)
tXLXL
serial port clock cycle time
16 tCLCL
-
888
-
ns
tQVXH
output data set-up to clock rising
edge
13 tCLCL
-
722
-
ns
tXHQX
output data hold after clock rising
edge
-tCLCL + 20
-
75
ns
tXHDX
input data hold after clock rising
edge
-0
-
0
ns
tDVXH
input data valid to clock rising edge
150
-
150
-
ns
SPI interface
fSPI
Operating frequency
3.0 MHz (Slave)
0
CCLK
6
0
3
MHz
4.5 MHz (Master)
-
CCLK
4
-
4.5
MHz
tSPICYC
Cycle time
see Figures
15, 16, 17, 18
3.0 MHz (Slave)
6
CCLK
-
333
-
ns
4.5 MHz (Master)
4
CCLK
-
222
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com