Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC930 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # P89LPC930
Description  8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC930 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button P89LPC930 Datasheet HTML 24Page - NXP Semiconductors P89LPC930 Datasheet HTML 25Page - NXP Semiconductors P89LPC930 Datasheet HTML 26Page - NXP Semiconductors P89LPC930 Datasheet HTML 27Page - NXP Semiconductors P89LPC930 Datasheet HTML 28Page - NXP Semiconductors P89LPC930 Datasheet HTML 29Page - NXP Semiconductors P89LPC930 Datasheet HTML 30Page - NXP Semiconductors P89LPC930 Datasheet HTML 31Page - NXP Semiconductors P89LPC930 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
Philips Semiconductors
P89LPC930/931
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 05 — 15 December 2004
28 of 55
9397 750 14472
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.17.2
Mode 1
10 bits are transmitted (through TxD) or received (through RxD): a start bit (logic ‘0’),
8 data bits (LSB first), and a stop bit (logic ‘1’). When data is received, the stop bit is
stored in RB8 in Special Function Register SCON. The baud rate is variable and is
determined by the Timer 1 overflow rate or the Baud Rate Generator (described in
Section 8.17.5 “Baud rate generator and selection”).
8.17.3
Mode 2
11 bits are transmitted (through TxD) or received (through RxD): start bit (logic ‘0’),
8 data bits (LSB first), a programmable 9th data bit, and a stop bit (logic ‘1’). When
data is transmitted, the 9th data bit (TB8 in SCON) can be assigned the value of ‘0’ or
‘1’. Or, for example, the parity bit (P, in the PSW) could be moved into TB8. When
data is received, the 9th data bit goes into RB8 in Special Function Register SCON,
while the stop bit is not saved. The baud rate is programmable to either 1
⁄16 or 1⁄32 of
the CPU clock frequency, as determined by the SMOD1 bit in PCON.
8.17.4
Mode 3
11 bits are transmitted (through TxD) or received (through RxD): a start bit (logic ‘0’),
8 data bits (LSB first), a programmable 9th data bit, and a stop bit (logic ‘1’). In fact,
Mode 3 is the same as Mode 2 in all respects except baud rate. The baud rate in
Mode 3 is variable and is determined by the Timer 1 overflow rate or the Baud Rate
Generator (described in section Section 8.17.5 “Baud rate generator and selection”).
8.17.5
Baud rate generator and selection
The P89LPC930/931 enhanced UART has an independent Baud Rate Generator.
The baud rate is determined by a baud-rate preprogrammed into the BRGR1 and
BRGR0 SFRs which together form a 16-bit baud rate divisor value that works in a
similar manner as Timer 1. If the baud rate generator is used, Timer 1 can be used for
other timing functions.
The UART can use either Timer 1 or the baud rate generator output (see Figure 6).
Note that Timer T1 is further divided by 2 if the SMOD1 bit (PCON.7) is cleared. The
independent Baud Rate Generator uses OSCCLK.
8.17.6
Framing error
Framing error is reported in the status register (SSTAT). In addition, if SMOD0
(PCON.6) is ‘1’, framing errors can be made available in SCON.7 respectively. If
SMOD0 is ‘0’, SCON.7 is SM0. It is recommended that SM0 and SM1 (SCON.7:6)
are set up when SMOD0 is ‘0’.
Fig 6.
Baud rate sources for UART (Modes 1, 3).
Baud Rate Modes 1 and 3
SBRGS = 1
SBRGS = 0
SMOD1 = 0
SMOD1 = 1
¸2
Timer 1 Overflow
(PCLK-based)
Baud Rate Generator
(CCLK-based)
002aaa419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com