Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM360 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM360
Description  High Speed Differential Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM360 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM360 Datasheet HTML 1Page - National Semiconductor (TI) LM360 Datasheet HTML 2Page - National Semiconductor (TI) LM360 Datasheet HTML 3Page - National Semiconductor (TI) LM360 Datasheet HTML 4Page - National Semiconductor (TI) LM360 Datasheet HTML 5Page - National Semiconductor (TI) LM360 Datasheet HTML 6Page - National Semiconductor (TI) LM360 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM160/LM360
High Speed Differential Comparator
General Description
The LM160/LM360 is a very high speed differential input,
complementary TTL output voltage comparator with im-
proved characteristics over the µA760/µA760C, for which it
is a pin-for-pin replacement. The device has been optimized
for greater speed, input impedance and fan-out, and lower
input offset voltage. Typically delay varies only 3 ns for over-
drive variations of 5 mV to 400 mV.
Complementary outputs having minimum skew are provided.
Applications involve high speed analog to digital convertors
and zero-crossing detectors in disk file systems.
Features
n Guaranteed high speed:
20 ns max
n Tight delay matching on both outputs
n Complementary TTL outputs
n High input impedance
n Low speed variation with overdrive variation
n Fan-out of 4
n Low input offset voltage
n Series 74 TTL compatible
Connection Diagrams
Metal Can Package
DS005707-4
Order Number LM160H/883 (Note 1) or LM360H
See NS Package Number H08C
Dual-In-Line Package
DS005707-5
Order Number LM360M or LM360N
See NS Package Number M08A or N08E
Note 1: Also available in SMD# 5962-8767401
May 1999
© 1999 National Semiconductor Corporation
DS005707
www.national.com


Similar Part No. - LM360

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM360 TI1-LM360 Datasheet
872Kb / 15P
LM160/LM360 High Speed Differential Comparator
LM360 TI1-LM360 Datasheet
343Kb / 13P
LM160QML High Speed Differential Comparator
LM360 TI2-LM360 Datasheet
576Kb / 17P
LM160/LM360 High Speed Differential Comparator
REVISED MARCH 2013
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36010YKBR TI1-LM36010YKBR Datasheet
2Mb / 37P
Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
More results

Similar Description - LM360

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE522 PHILIPS-NE522 Datasheet
88Kb / 5P
High-speed dual-differential comparator/sense amp
August 31, 1994
logo
Texas Instruments
TL714C TI-TL714C Datasheet
62Kb / 4P
HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
UA760 FAIRCHILD-UA760 Datasheet
368Kb / 7P
HIGH SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
MNLM711AM-X NSC-MNLM711AM-X Datasheet
251Kb / 8P
DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
LM760 NSC-LM760 Datasheet
197Kb / 10P
High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C_06 Datasheet
169Kb / 7P
HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
High Speed Differential Comparator
logo
Texas Instruments
LM160QML TI1-LM160QML Datasheet
267Kb / 12P
LM160QML High Speed Differential Comparator
LM160QML TI1-LM160QML_14 Datasheet
343Kb / 13P
LM160QML High Speed Differential Comparator
LM160 TI1-LM160_14 Datasheet
872Kb / 15P
LM160/LM360 High Speed Differential Comparator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com