Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM360 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM360
Description  High Speed Differential Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM360 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM360 Datasheet HTML 1Page - National Semiconductor (TI) LM360 Datasheet HTML 2Page - National Semiconductor (TI) LM360 Datasheet HTML 3Page - National Semiconductor (TI) LM360 Datasheet HTML 4Page - National Semiconductor (TI) LM360 Datasheet HTML 5Page - National Semiconductor (TI) LM360 Datasheet HTML 6Page - National Semiconductor (TI) LM360 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Notes 6, 8)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltage
+8V
Negative Supply Voltage
−8V
Peak Output Current
20 mA
Differential Input Voltage
±5V
Input Voltage
V
+
≥ V
IN ≥ V
−
ESD Tolerance (Note 9)
1600V
Operating Temperature Range
LM160
−55˚C to +125˚C
LM360
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
260˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Electrical Characteristics
(T
MIN ≤ TA ≤ TMAX)
Parameter
Conditions
Min
Typ
Max
Units
Operating Conditions
Supply Voltage V
CC
+
4.5
5
6.5
V
Supply Voltage V
CC
−
−4.5
−5
−6.5
V
Input Offset Voltage
R
S ≤ 200Ω
25
mV
Input Offset Current
0.5
3
µA
Input Bias Current
520
µA
Output Resistance (Either Output)
V
OUT = VOH
100
Ω
Response Time
T
A = 25˚C, VS = ±5V (Notes 2, 7)
13
25
ns
T
A = 25˚C, VS = ±5V (Notes 3, 7)
12
20
ns
T
A = 25˚C, VS = ±5V (Notes 4, 7)
14
ns
Response Time Difference between Outputs
(t
pd of +VIN1)−(tpd of −VIN2)TA = 25˚C (Notes 2, 7)
2
ns
(t
pd of +VIN2)−(tpd of −VIN1)TA = 25˚C (Notes 2, 7)
2
ns
(t
pd of +VIN1)−(tpd of +VIN2)TA = 25˚C (Notes 2, 7)
2
ns
(t
pd of −VIN1)−(tpd of −VIN2)TA = 25˚C (Notes 2, 7)
2
ns
Input Resistance
f = 1 MHz
17
k
Ω
Input Capacitance
f = 1 MHz
3
pF
Average Temperature Coefficient of
R
S = 50Ω
8
µV/˚C
Input Offset Voltage
Average Temperature Coefficient of
7
nA/˚C
Input Offset Current
Common Mode Input Voltage Range
V
S = ±6.5V
±4
±4.5
V
Differential Input Voltage Range
±5V
Output High Voltage (Either Output)
I
OUT = −320 µA, VS = ±4.5V
2.4
3
V
Output Low Voltage (Either Output)
I
SINK = 6.4 mA
0.25
0.4
V
Positive Supply Current
V
S = ±6.5V
18
32
mA
Negative Supply Current
V
S = ±6.5V
−9
−16
mA
Note 2: Response time measured from the 50% point of a 30 mVp-p 10 MHz sinusoidal input to the 50% point of the output.
Note 3: Response time measured from the 50% point of a 2 Vp-p 10 MHz sinusoidal input to the 50% point of the output.
Note 4: Response time measured from the start of a 100 mV input step with 5 mV overdrive to the time when the output crosses the logic threshold.
Note 5: Typical thermal impedances are as follows:
Cavity DIP (J):
θjA
135˚C/W
Header (H)
θjA
165˚C/W
(Still Air)
Molded DIP (N):
θjA
130˚C/W
67˚C/W
(400 LF/min Air Flow)
θjC
25˚C/W
Note 6: The device may be damaged if used beyond the maximum ratings.
Note 7: Measurements are made in AC Test Circuit, Fanout = 1
Note 8: Refer to RETS 160X for LM160H, LM160J-14 and LM160J military specifications.
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com