Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC620CVOA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC620CVOA
Description  5V, Dual Trip Point Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC620CVOA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC620CVOA Datasheet HTML 2Page - Microchip Technology TC620CVOA Datasheet HTML 3Page - Microchip Technology TC620CVOA Datasheet HTML 4Page - Microchip Technology TC620CVOA Datasheet HTML 5Page - Microchip Technology TC620CVOA Datasheet HTML 6Page - Microchip Technology TC620CVOA Datasheet HTML 7Page - Microchip Technology TC620CVOA Datasheet HTML 8Page - Microchip Technology TC620CVOA Datasheet HTML 9Page - Microchip Technology TC620CVOA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TC620/TC621
DS20001439E-page 6
 2001-2015 Microchip Technology Inc.
3.3
Using the TC621
The TC621 operation is similar to that of the TC620, but
requires an external NTC thermistor. Use the resis-
tance versus temperature curve of the thermistor to
determine the values of the programming resistors.
Note that the pin numbers for the HIGH SET and LOW
SET programming resistors for the TC621 are reversed
versus that of the TC620 (i.e., the resistor value on
HIGH SET [Pin 2] should always be lower than the one
connected to LOW SET [Pin 3]). Also note that the
outputs of the TC621 are LOW TRUE when used with
an NTC thermistor.
3.4
TC621 Thermistor Selection
The TC621 uses an external thermistor to monitor the
controlling temperature. A thermistor with a resistance
value
of
approximately
100
k
 at 25°C is
recommended.
A temperature set point is selected by picking a resis-
tor whose value is equal to the resistance of the therm-
istor at the desired temperature. For example, using
the data shown in Figure 3-4, a 30 k
 resistor between
HIGH TEMP (Pin 2) and VDD (Pin 8) sets the high
temperature trip point at +51°C and a 49 k
 resistor on
LOW TEMP (Pin 3) sets the low temperature trip point
to +41°C.
FIGURE 3-4:
Typical NTC Thermistor.
3.5
TC620/TC621 Outputs
Both devices have complimentary output stages. They
are rated at a source or sink current of 1 mA maximum.
010
20
30
40
50
100
70
TEMPERATURE (°C)
0
50
60
150
200
250
300
350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com