Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC620CVOA Datasheet(PDF) 17 Page - Microchip Technology

Part # TC620CVOA
Description  5V, Dual Trip Point Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC620CVOA Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC620CVOA Datasheet HTML 12Page - Microchip Technology TC620CVOA Datasheet HTML 13Page - Microchip Technology TC620CVOA Datasheet HTML 14Page - Microchip Technology TC620CVOA Datasheet HTML 15Page - Microchip Technology TC620CVOA Datasheet HTML 16Page - Microchip Technology TC620CVOA Datasheet HTML 17Page - Microchip Technology TC620CVOA Datasheet HTML 18Page - Microchip Technology TC620CVOA Datasheet HTML 19Page - Microchip Technology TC620CVOA Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2001-2015 Microchip Technology Inc.
DS20001439E-page 17
TC620/TC621
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC620:
5V, Dual Trip Point Temperature Sensors
TC621:
5V, Dual Trip Point Temperature Sensors
Cooling/Heating
Option:
C
=
Cooling Option
H
=
Heating Option
Temperature Range:
C
=
0°C to +70°C (PDIP and SOIC only)
E
=
-40°C to +85°C
V
=
-40°C to +125°C
Package:
OA
= Plastic SOIC, (150 mil Body), 8-lead
OA713 = Plastic SOIC, (150 mil Body), 8-lead
(Tape and Reel)
PA
= Plastic DIP (300 mil Body), 8-lead
Examples:
a)
TC620CCOA:
5V Dual Trip Point
Temp sensor,
Cooling option,
0°C to +70°C
SOIC package
b)
TC620CEPA:
5V Dual Trip Point
Temp sensor,
Cooling option,
-40°C to +85°C
PDIP package.
c)
TC620CVPA:
5V Dual Trip Point
Temp sensor,
Cooling option,
-40°C to +125°C
PDIP package.
d)
TC620HCOA:
5V Dual Trip Point
Temp sensor,
Heating option,
0°C to +70°C
SOIC package
e)
TC621HEPA:
5V Dual Trip Point
Temp sensor,
Heating option,
-40°C to +85°C
PDIP package.
f)
TC620CCOA713:
5V Dual Trip Point
Temp sensor,
Cooling option,
0°C to +70°C
SOIC package.
g)
TC621HCOA713:
5V Dual Trip Point
Temp sensor,
Heating option,
0°C to +70°C
SOIC package.
PART NO.
X
XX
Package
Device
XXX
Tape & Reel
X
PB Free
X
Temperature
Range
Cooling/
Heating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com