Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC2311KI1-R0002T Datasheet(PDF) 1 Page - Microchip Technology

Part # DSC2311KI1-R0002T
Description  Crystal-less??Configurable Two-Output Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2311KI1-R0002T Datasheet(HTML) 1 Page - Microchip Technology

  DSC2311KI1-R0002T Datasheet HTML 1Page - Microchip Technology DSC2311KI1-R0002T Datasheet HTML 2Page - Microchip Technology DSC2311KI1-R0002T Datasheet HTML 3Page - Microchip Technology DSC2311KI1-R0002T Datasheet HTML 4Page - Microchip Technology DSC2311KI1-R0002T Datasheet HTML 5Page - Microchip Technology DSC2311KI1-R0002T Datasheet HTML 6Page - Microchip Technology DSC2311KI1-R0002T Datasheet HTML 7Page - Microchip Technology DSC2311KI1-R0002T Datasheet HTML 8Page - Microchip Technology DSC2311KI1-R0002T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005611A-page 1
DSC2311
Features
• Two Simultaneous CMOS Outputs
- Output 1 Range: 2.3 MHz to 170 MHz
- Output 2 Range: 2.3 MHz to 170 MHz
• Low RMS Phase Jitter: <1 ps (typ.)
• High Stability: ±25 ppm, ±50 ppm
• Wide Temperature Range
- Automotive: –40°C to +125°C
- Ext. Industrial –40°C to +105°C
- Industrial –40°C to +85°C
- Ext. Commercial –20°C to +70°C
• High Supply Noise Rejection: –50 dBc
• High Shock and Vibration Immunity
- Qualified to MIL-STD-883
• High Reliability
- 20x higher MTBF than crystal-based clock
generator designs
• Supply Range of 2.25V to 3.6V
• Lead Free and RoHS-Compliant
Applications
• Consumer Electronics
• Camera and Imaging Modules
• Home Automation
• Industrial and Power Conversion
• Mobile Communications, Internet, and Sensor
Devices
• Solid State, Hard Drive, and Flash Drive Storage
General Description
The DSC2311 is a crystal-less™ clock generator that is
factory-configurable to simultaneously output two
separate frequencies from 2.3 MHz to 170 MHz. The
clock generator uses proven silicon MEMS technology
to provide low jitter and high frequency stability across
a wide range of supply voltages and temperatures. By
eliminating the external quartz crystal, crystal-less
clock generators significantly enhance reliability and
accelerate product development, while meeting
stringent clock performance criteria for a variety of
consumer electronics, communications, and storage
applications.
DSC2311 has an Output Enable/Disable feature that
allows it to disable the outputs when OE is low. The
device is available in a space-saving 6-pin 2.5 mm x
2.0 mm crystal-less VDFN package that uses only a
single external bypass capacitor. This requires a PCB
footprint equivalent to that of a 1.0 mm x 1.0 mm
crystal-based clock generator.
Block Diagram
Control Circuitry
MEMS
PLL
Output
Control
and
Divider
F
OUT2
F
OUT1
OE
Crystal-less™ Configurable Two-Output Clock Generator


Similar Part No. - DSC2311KI1-R0002T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2311KI1-R0009 MICREL-DSC2311KI1-R0009 Datasheet
573Kb / 5P
Crystal-less??Configurable Clock Generator
DSC2311KI1-R0009T MICREL-DSC2311KI1-R0009T Datasheet
573Kb / 5P
Crystal-less??Configurable Clock Generator
More results

Similar Description - DSC2311KI1-R0002T

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC400-0103Q0102 MICROCHIP-DSC400-0103Q0102 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
June 21, 2017 Revision 1.0
DSC400-0202Q0106 MICROCHIP-DSC400-0202Q0106 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
August 23, 2017 Revision 1.0
DSC400-0202Q0109 MICROCHIP-DSC400-0202Q0109 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
August 23, 2017 Revision 1.0
logo
Micrel Semiconductor
DSC400-1111Q0001 MICREL-DSC400-1111Q0001 Datasheet
1,007Kb / 10P
Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC400-1111Q0091 MICROCHIP-DSC400-1111Q0091 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
December 08, 2016 Revision 1.0
DSC400-3331Q0097 MICROCHIP-DSC400-3331Q0097 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
April 27, 2017 Revision 1.0
logo
Micrel Semiconductor
DSC400-3333Q0078 MICREL-DSC400-3333Q0078 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
DSC400-4244Q0023 MICREL-DSC400-4244Q0023 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
DSC511-03 MICREL-DSC511-03 Datasheet
528Kb / 5P
Crystal-less Two Output Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com