Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC2311KI1-R0002T Datasheet(PDF) 2 Page - Microchip Technology

Part # DSC2311KI1-R0002T
Description  Crystal-less??Configurable Two-Output Clock Generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2311KI1-R0002T Datasheet(HTML) 2 Page - Microchip Technology

  DSC2311KI1-R0002T Datasheet HTML 1Page - Microchip Technology DSC2311KI1-R0002T Datasheet HTML 2Page - Microchip Technology DSC2311KI1-R0002T Datasheet HTML 3Page - Microchip Technology DSC2311KI1-R0002T Datasheet HTML 4Page - Microchip Technology DSC2311KI1-R0002T Datasheet HTML 5Page - Microchip Technology DSC2311KI1-R0002T Datasheet HTML 6Page - Microchip Technology DSC2311KI1-R0002T Datasheet HTML 7Page - Microchip Technology DSC2311KI1-R0002T Datasheet HTML 8Page - Microchip Technology DSC2311KI1-R0002T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DSC2311
DS20005611A-page 2
 2016 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage .......................................................................................................................................... –0.3V to +4.0V
Input Voltage .......................................................................................................................................–0.3V to VDD+0.3V
ESD Protection (HBM) ...............................................................................................................................................4 kV
ESD Protection (CDM) ............................................................................................................................................1.5 kV
† Notice:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Specifications: VDD = 3.3V; TA = +25°C unless otherwise specified.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage (Note 1)VDD
2.25
—
3.6
V
—
Supply Current (Note 2)IDD
—21
23
mA
EN pin low. All outputs
disabled.
Frequency Stability (Note 3)
∆f
——
±25
ppm
Includes frequency
variations due to initial
tolerance, temperature, and
power supply voltage.
——
±50
Aging
∆f
—
—
±5
ppm
One year at +25°C
Start-up Time (Note 4)tSU
—
—
5
ms
T = +25°C
Input Logic Levels
VIH
0.75 x VDD
——
V
Input logic high
VIL
—
—
0.25 x VDD
Input logic low
Output Disable Time
tDA
——
5
ns
—
Output Enable Time
tEN
——
20
ns
—
Pull-Up Resistor (Note 2)—
—
40
—
kΩ
Pull-up exists on all digital
IO
Output Logic Levels
VOH
0.9 x VDD
——
V
Output logic high, I = ±6 mA
VOL
—
—
0.1 x VDD
Output logic low, I = ±6 mA
Output Transition Time
tR
—1.1
2.0
ns
Rise time. 20% to 80%;
CL = 15 pF
tF
—1.4
2.0
Fall time. 20% to 80%;
CL = 15 pF
Frequency
f0
2.3
—
170
MHz
Commercial/Industrial temp.
range
3.3
—
100
Automotive temp. range
3.3
—
170
Extended Industrial temp.
range
Note 1:
Pin 4 VDD should be filtered with a 0.01 µF capacitor.
2:
Output is enabled if Enable pad is floated or not connected. Operating current = disabled current + ∆IDD
from FOUT1 + ∆IDD from FOUT2. See Current Consumption graph for more information.
3:
For other ppm stabilities, please contact the factory.
4:
tSU is time to 100 ppm stable output frequency after VDD is applied and outputs are enabled.
5:
Period jitter includes crosstalk from adjacent output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com