Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6712AD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6712AD
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712AD Datasheet(HTML) 1 Page - STMicroelectronics

  L6712AD Datasheet HTML 1Page - STMicroelectronics L6712AD Datasheet HTML 2Page - STMicroelectronics L6712AD Datasheet HTML 3Page - STMicroelectronics L6712AD Datasheet HTML 4Page - STMicroelectronics L6712AD Datasheet HTML 5Page - STMicroelectronics L6712AD Datasheet HTML 6Page - STMicroelectronics L6712AD Datasheet HTML 7Page - STMicroelectronics L6712AD Datasheet HTML 8Page - STMicroelectronics L6712AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1/27
L6712
L6712A
March 2004
■ 2 PHASE OPERATION WITH
SYNCHRONOUS RECTIFIER CONTROL
■ ULTRA FAST LOAD TRANSIENT RESPONSE
■ INTEGRATED HIGH CURRENT GATE
DRIVERS: UP TO 2A GATE CURRENT
■ 3 BIT PROGRAMMABLE OUTPUT FROM
0.900V TO 3.300V OR WITH EXTERNAL REF.
■ ±0.9% OUTPUT VOLTAGE ACCURACY
■ 3mA CAPABLE AVAILABLE REFERENCE
■ INTEGRATED PROGRAMMABLE REMOTE
SENSE AMPLIFIER
■ PROGRAMMABLE DROOP EFFECT
■ 10% ACTIVE CURRENT SHARING ACCURACY
■ DIGITAL 2048 STEP SOFT-START
■ CROWBAR LATCHED OVERVOLTAGE PROT.
■ NON-LATCHED UNDERVOLTAGE PROT.
■ OVERCURRENT PROTECTION REALIZED
USING THE LOWER MOSFET'S RdsON OR A
SENSE RESISTOR
■ OSCILLATOR EXTERNALLY ADJUSTABLE
AND INTERNALLY FIXED AT 150kHZ
■ POWER GOOD OUTPUT AND INHIBIT FUNCTION
■ PACKAGES: SO-28 & VFQFPN-36
APPLICATIONS
■ HIGH CURRENT DC/DC CONVERTERS
■ DISTRIBUTED POWER SUPPLY
DESCRIPTION
The device implements a dual-phase step-down con-
troller with a 180 phase-shift between each phase
optimized for high current DC/DC applications.
Output voltage can be programmed through the in-
tegrated DAC from 0.900V to 3.300V; program-
ming the "111" code, an external reference from
0.800V to 3.300V is used for the regulation.
Programmable Remote Sense Amplifier avoids
use of external resistor divider and recovers loss-
es along distribution line.
The device assures a fast protection against load
over current and Over / Under voltage.An internal
crowbar is provided turning on the low side mosfet
if Over-voltage is detected.
Output current is limited working in Constant Cur-
rent mode: when Under Voltage is detected, the
device resets, restarting operation.
SO28
VFQFPN-36 (6x6x1.0)
ORDERING NUMBERS:
Package
Tube
Tape & Reel
SO
L6712D, L6712AD
L6712DTR, L6712ADTR
VFQFPN L6712Q, L6712AQ
L6712QTR, L6712AQTR
TWO-PHASE INTERLEAVED DC/DC CONTROLLER
BLOCK DIAGRAM
CURRENT
READING
TOTAL
CURRENT
CH1
OCP
DAC
CH1 OCP
PWM1
ERROR
AMPLIFIER
REMOTE
AMPLIFIER
LS
LS
HS
Vcc
HS
BOOT1
UGATE1
PHASE1
LGATE1
ISEN1
PGNDS1
PGND
PGNDS2
ISEN2
LGATE2
PHASE2
UGATE2
BOOT2
Vcc
COMP
FB
VSEN
FBG
FBR
VID0
VID1
VID2
OSC / INH
SGND
VCCDR
VCCDR
VCC
LOGIC AND
PROTECTIONS
PWM2
CH2
OCP
CURRENT
READING
REF_IN/OUT
PGOOD
DROOP
BAND-GAP
REFERENCE
DIGITAL
SOFT-START
CH2 OCP
V
PROG
CURRENT
READING
TOTAL
CURRENT
CH1
OCP
DAC
CH1 OCP
PWM1
ERROR
AMPLIFIER
REMOTE
AMPLIFIER
LS
LS
HS
Vcc
HS
BOOT1
UGATE1
PHASE1
LGATE1
ISEN1
PGNDS1
PGND
PGNDS2
ISEN2
LGATE2
PHASE2
UGATE2
BOOT2
Vcc
COMP
FB
VSEN
FBG
FBR
VID0
VID1
VID2
OSC / INH
SGND
VCCDR
VCCDR
VCC
LOGIC AND
PROTECTIONS
PWM2
CH2
OCP
CURRENT
READING
REF_IN/OUT
PGOOD
DROOP
BAND-GAP
REFERENCE
DIGITAL
SOFT-START
CH2 OCP
V
PROG


Similar Part No. - L6712AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6712AD STMICROELECTRONICS-L6712AD Datasheet
626Kb / 29P
TWO-PHASE INTERLEAVED DC/DC CONTROLLER
Jun-2005
L6712ADTR STMICROELECTRONICS-L6712ADTR Datasheet
626Kb / 29P
TWO-PHASE INTERLEAVED DC/DC CONTROLLER
Jun-2005
More results

Similar Description - L6712AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
List of Unclassifed Man...
RT9241 ETC-RT9241 Datasheet
268Kb / 13P
Two-Phase DC/DC Controller for CPU Core Power Supply
logo
Richtek Technology Corp...
RT9241A RICHTEK-RT9241A Datasheet
300Kb / 17P
Two-Phase DC/DC Controller for CPU Core Power Supply
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
Two-Phase Interleaved CCM PFC Controller
logo
STMicroelectronics
L6712 STMICROELECTRONICS-L6712_05 Datasheet
626Kb / 29P
TWO-PHASE INTERLEAVED DC/DC CONTROLLER
Jun-2005
logo
Texas Instruments
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Analog Devices
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
logo
Texas Instruments
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com