Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6712AD Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6712AD
Description  TWO-PHASE INTERLEAVED DC/DC CONTROLLER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6712AD Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6712AD Datasheet HTML 17Page - STMicroelectronics L6712AD Datasheet HTML 18Page - STMicroelectronics L6712AD Datasheet HTML 19Page - STMicroelectronics L6712AD Datasheet HTML 20Page - STMicroelectronics L6712AD Datasheet HTML 21Page - STMicroelectronics L6712AD Datasheet HTML 22Page - STMicroelectronics L6712AD Datasheet HTML 23Page - STMicroelectronics L6712AD Datasheet HTML 24Page - STMicroelectronics L6712AD Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21/27
L6712A L6712
Considering now that in the application of interest it can be assumed that Ro>>RL; ESR<<Ro and
RDROOP<<Ro, it results:
Figure 14. ACM Control Loop Gain Block Diagram (left) and Bode Diagram (right).
The ACM control loop gain is designed to obtain a high DC gain to minimize static error and cross the 0dB
axes with a constant -20dB/dec slope with the desired crossover frequency
ωT. Neglecting the effect of
ZF(s), the transfer function has one zero and two poles. Both the poles are fixed once the output filter is
designed and the zero is fixed by ESR and the Droop resistance.
To obtain the desired shape an RF-CF series network is considered for the ZF(s) implementation. A zero
at
ωF=1/RFCF is then introduced together with an integrator. This integrator minimizes the static error
while placing the zero in correspondence with the L-C resonance a simple -20dB/dec shape of the gain is
assured (See Figure 14). In fact, considering the usual value for the output filter, the LC resonance results
to be at frequency lower than the above reported zero.Compensation network can be simply designed
placing
ωZ= ωLC and imposing the cross-over frequency ωT as desired obtaining:
Voltage Mode (VM) Control Loop (DROOP = SGND)
Disconnecting the DROOP pin from the Control Loop, the system topology becomes a Voltage Mode. The
simplest way to compensate this loop still keeping the same compensation network consists in placing the
RF-CF zero in correspondence with the L-C filter resonance.
The loop gain becomes now:
G
LO OP s
()
4
5
---
V
IN
∆V
OSC
-------------------
Z
F s
()
R
FB
---------------
1s Co
R
DROO P
RA_Gain
-------------------------
ESR
+


⋅
⋅
+
s
2
Co
L
2
---
s
L
2Ro
⋅
---------------
Co ESR
Co
L
2Ro
⋅
---------------
⋅
+
⋅
+
1
+
⋅
+
⋅
⋅
------------------------------------------------------------------------------------------------------------------------------------------- RA_Gain
⋅⋅
⋅
⋅
–
=
Rout
Cout
ESR
L/2
RFB
RF
CF
VID
PWM
IDROOP
VCOMP
VOUT
d
•VIN
ZF
FB
DROOP
COMP
RA_Gain
dB
ω
ωT
ωZ
ωLC
GLOOP
ZF(s)
K
dB
FB
OSC
IN
R
1
∆V
V
5
4
K
⋅
⋅
=
R
F
R
FB ∆ VOSC
⋅
V
IN
-----------------------------------
5
4
---
ω
T
L
2
R
DROOP
RA_Gain
-------------------------
ESR
+


⋅
----------------------------------------------------------
C
F
Co
L
2
---
⋅
R
F
--------------------
=
⋅⋅
⋅
=
G
LO OP s
()
V
IN
V
OSC
∆
-------------------
Z
F s
()
R
FB
---------------
Z
P s
()
Z
P s
() Z
L s
()
+
------------------------------------ RA_Gain
⋅⋅
⋅
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com