Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3578A Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3578A
Description  Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578A Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3578A Datasheet HTML 5Page - National Semiconductor (TI) LM3578A Datasheet HTML 6Page - National Semiconductor (TI) LM3578A Datasheet HTML 7Page - National Semiconductor (TI) LM3578A Datasheet HTML 8Page - National Semiconductor (TI) LM3578A Datasheet HTML 9Page - National Semiconductor (TI) LM3578A Datasheet HTML 10Page - National Semiconductor (TI) LM3578A Datasheet HTML 11Page - National Semiconductor (TI) LM3578A Datasheet HTML 12Page - National Semiconductor (TI) LM3578A Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Applications Information (Continued)
REMOTE SHUTDOWN
The LM1578A may be remotely shutdown by sinking a
greater current from the non-inverting input than from the in-
verting input. This may be accomplished by selecting resistor
R3 to be approximately one-half the value of R1 and R2 in
parallel.
EMITTER OUTPUT
When the LM1578A output transistor is in the OFF state, if
the Emitter output swings below the ground pin voltage, the
output transistor will turn ON because its base is clamped
near ground. The
Collector Current with Emitter Output Be-
low Ground curve shows the amount of Collector current
drawn in this mode, vs temperature and Emitter voltage.
When the Collector-Emitter voltage is high, this current will
cause high power dissipation in the output transistor and
should be avoided.
This situation can occur in the high-current high-voltage
buck application if the Emitter output is used and the catch
diode’s forward voltage drop is greater than 0.6V. A
fast-recovery diode can be added in series with the Emitter
output to counter the forward voltage drop of the catch diode
(see
Figure 2). For better efficiency of a high output current
buck regulator, an external PNP transistor should be used as
shown in
Figure 16.
SYNCHRONIZING DEVICES
When several devices are to be operated at once, their oscil-
lators may be synchronized by the application of an external
signal. This drive signal should be a pulse waveform with a
minimum pulse width of 2 µs. and an amplitude from 1.5V to
2.0V. The signal source must be capable of 1.) driving ca-
pacitive loads and 2.) delivering up to 500 µA for each
LM1578A.
Capacitors C1 thru CN are to be selected for a 20% slower
frequency than the synchronization frequency.
Typical Applications
The LM1578A may be operated in either the continuous or
the discontinuous conduction mode. The following applica-
tions (except for the Buck-Boost Regulator) are designed for
continuous conduction operation. That is, the inductor cur-
rent is not allowed to fall to zero. This mode of operation has
higher efficiency and lower EMI characteristics than the dis-
continuous mode.
BUCK REGULATOR
The buck configuration is used to step an input voltage down
to a lower level. Transistor Q1 in
Figure 14 chops the input
DC voltage into a squarewave. This squarewave is then con-
verted back into a DC voltage of lower magnitude by the low
pass filter consisting of L1 and C1. The duty cycle, D, of the
squarewave relates the output voltage to the input voltage by
the following equation:
V
out = DxVin = Vin x(ton)/(ton +toff).
DS008711-23
FIGURE 10. Duty Cycle Adjustment
DS008711-24
FIGURE 11. Shutdown Occurs when V
L is High
DS008711-30
FIGURE 12. D1 Prevents Output Transistor from
Improperly Turning ON due to D2’s Forward Voltage
DS008711-25
FIGURE 13. Synchronizing Devices
9
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com