Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3578A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3578A
Description  Switching Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3578A Datasheet HTML 1Page - National Semiconductor (TI) LM3578A Datasheet HTML 2Page - National Semiconductor (TI) LM3578A Datasheet HTML 3Page - National Semiconductor (TI) LM3578A Datasheet HTML 4Page - National Semiconductor (TI) LM3578A Datasheet HTML 5Page - National Semiconductor (TI) LM3578A Datasheet HTML 6Page - National Semiconductor (TI) LM3578A Datasheet HTML 7Page - National Semiconductor (TI) LM3578A Datasheet HTML 8Page - National Semiconductor (TI) LM3578A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM1578A/LM2578A/LM3578A
Switching Regulator
General Description
The LM1578A is a switching regulator which can easily be
set up for such DC-to-DC voltage conversion circuits as the
buck, boost, and inverting configurations. The LM1578A fea-
tures a unique comparator input stage which not only has
separate pins for both the inverting and non-inverting inputs,
but also provides an internal 1.0V reference to each input,
thereby simplifying circuit design and p.c. board layout. The
output can switch up to 750 mA and has output pins for its
collector and emitter to promote design flexibility. An external
current limit terminal may be referenced to either the ground
or the V
in terminal, depending upon the application. In addi-
tion, the LM1578A has an on board oscillator, which sets the
switching frequency with a single external capacitor from <1
Hz to 100 kHz (typical).
The LM1578A is an improved version of the LM1578, offer-
ing higher maximum ratings for the total supply voltage and
output transistor emitter and collector voltages.
Features
n
Inverting and non-inverting feedback inputs
n
1.0V reference at inputs
n
Operates from supply voltages of 2V to 40V
n
Output current up to 750 mA, saturation less than 0.9V
n
Current limit and thermal shut down
n
Duty cycle up to 90%
Applications
n
Switching regulators in buck, boost, inverting, and
single-ended transformer configurations
n
Motor speed control
n
Lamp flasher
Functional Diagram
DS008711-1
April 1998
© 1998 National Semiconductor Corporation
DS008711
www.national.com


Similar Part No. - LM3578A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
Switching Regulator
logo
Texas Instruments
LM3578A TI-LM3578A Datasheet
1Mb / 30P
LM2578A/LM3578A Switching Regulator
LM3578A TI1-LM3578A Datasheet
1Mb / 30P
Switching Regulator
LM3578A TI2-LM3578A Datasheet
1Mb / 33P
LM2578A/LM3578A Switching Regulator
REVISED APRIL 2013
logo
National Semiconductor ...
LM3578AM NSC-LM3578AM Datasheet
1Mb / 20P
Switching Regulator
More results

Similar Description - LM3578A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
Switching Regulator
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
SWITCHING REGULATOR
logo
Sanyo Semicon Device
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
Switching Regulator
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
Switching Regulator
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
logo
ON Semiconductor
CS5111 ONSEMI-CS5111 Datasheet
112Kb / 16P
Switching Regulator
January, 2001 ??Rev. 9
logo
Texas Instruments
LM2578A TI1-LM2578A Datasheet
1Mb / 30P
Switching Regulator
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
Switching Regulator
logo
ON Semiconductor
LA5774MC ONSEMI-LA5774MC Datasheet
313Kb / 6P
Switching Regulator
May,2013
logo
Toshiba Semiconductor
2SJ610 TOSHIBA-2SJ610 Datasheet
233Kb / 6P
Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com