Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9518 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9518
Description  Expandable 5-channel I2C hub
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9518 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9518 Datasheet HTML 4Page - NXP Semiconductors PCA9518 Datasheet HTML 5Page - NXP Semiconductors PCA9518 Datasheet HTML 6Page - NXP Semiconductors PCA9518 Datasheet HTML 7Page - NXP Semiconductors PCA9518 Datasheet HTML 8Page - NXP Semiconductors PCA9518 Datasheet HTML 9Page - NXP Semiconductors PCA9518 Datasheet HTML 10Page - NXP Semiconductors PCA9518 Datasheet HTML 11Page - NXP Semiconductors PCA9518 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product data sheet
PCA9518
Expandable 5-channel I2C hub
2004 Sep 29
8
AC ELECTRICAL CHARACTERISTICS1
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS3
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHLs
Propagation delay
SDA to SDAn or SCL to SCLn
Waveform 1; Note 2
105
202
389
ns
tPLHs
Propagation delay
SDA to SDAn or SCL to SCLn
Waveform 1; Note 3
110
259
265
ns
tPHLE1s
Propagation delay
EXPSDA1 to SDA or EXPSCL1 to SCL
Waveform 1
109
193
327
ns
tPLHE1s
Propagation delay
EXPSDA1 to SDA or EXPSCL1 to SCL
Waveform 1
130
153
179
ns
tPLHE2s
Propagation delay
EXPSDA2 to SDA or EXPSCL2 to SCL
Waveform 1
160
234
279
ns
tTHLs
Transition time, SDA/SCL
Waveform 1
58
110
187
ns
tTLHs
Transition time, SDA/SCL
Waveform 1
—
0.85 RC
—
ns
tSET
Enable to Start condition
300
—
—
ns
tHOLD
Enable after Stop condition
300
—
—
ns
NOTES:
1. The SDA and SCL propagation delays are dominated by rise times or fall times. The fall times are mostly internally controlled and are only
sensitive to load capacitance. The rise times are RC time constant controlled and therefor a specific numerical value can only be given for
fixed RC time constants.
2. The SDA HIGH to LOW propagation delay, tPLHs, includes the fall time from VCC to 0.5 VCC of the EXPSDA1 or EXPSCL1 pins and the SDA
or SCL fall time from the quiescent HIGH (usually VCC) to below 0.3 VCC. The SDA and SCL outputs have edge rate control circuits included
which make the fall time almost independent of load capacitance.
3. The SDA or SCL LOW to HIGH propagation delay includes the rise time constant from the quiescent LOW to 0.5 VCC for the EXPSDA1 or
EXPSCL2, the rise time constant for the quiescent LOW to 0.5 VCC for the EXPSDA1 or EXPSCL1, and the rise time constant from the
quiescent external driven LOW to 0.7 VCC for the SDA or SCL output. All of these rise times are RC time constants determined by the
external R and total C for the various nodes.
AC WAVEFORMS
SW01089
0.7 VCC
0.4 V
tTLHs
tTHLs
tPHLs
tTHLs
tPHLs
EFFECTIVE
STRETCH
tPLHs
tPLHE1s
tPLHE2s
tPLHs
0.3 VCC
0.4 V
0.3 VCC
0.7 VCC
0.5 VCC
0.5 VCC
0.5 VCC
0.5 VCC
0.7 VCC
0.7 VCC
0.3 VCC
0.3 VCC
0.52 V
INPUT
SDA
OR SCL
EXPSDA1
OR
EXPSCL1
EXPSDA2
OR
EXPSCL2
OUTPUT
SDA
OR SCL
Waveform 1.
TEST CIRCUIT
DEFINITIONS
RL = Load resistor; 1.1 kΩ for I2C and 500 Ω for EXP.
CL = Load capacitance includes jig and probe capacitance;
100 pF for I2C and 100 pF for EXP
RT = Termination resistance should be equal to ZOUT of
pulse generators.
PULSE
GENERATOR
VIN
D.U.T.
VOUT
CL
VCC
RL
Test circuit for open-drain outputs
RT
SW01088
VCC
Figure 6. Test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com