Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9518 Datasheet (PDF) - NXP Semiconductors

PCA9518 Datasheet PDF - NXP Semiconductors
Part # PCA9518
Download  PCA9518 Download
File Size   109.83 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Expandable 5-channel I2C hub

PCA9518 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9518 Datasheet PDF - NXP Semiconductors

Part # PCA9518
Download  PCA9518 Click to download

File Size   109.83 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Expandable 5-channel I2C hub

PCA9518 Datasheet (HTML) - NXP Semiconductors


PCA9518 Product details

DESCRIPTION

The PCA9518 is a BiCMOS integrated circuit intended for application in I2C and SMBus systems. While retaining all the operating modes and features of the I2C system, it permits extension of the I2C-bus by buffering both the data (SDA) and the clock (SCL) lines, thus enabling virtually unlimited buses of 400 pF.

The I2C-bus capacitance limit of 400 pF restricts the number of devices and bus length. Using the PCA9518 enables the system designer to divide the bus into an unlimited number of segments off of a hub where any segment to segment transition sees only one repeater delay and is multiple master capable on each segment. Using multiple PCA9518 parts, any width hub (in multiples of five)1 can be implemented using the expansion pins.



A PCA9518 cluster cannot be put in series with a PCA9515/16 or with another PCA9518 cluster.

Multiple PCA9518 devices can be grouped with other PCA9518 devices into any size cluster thanks to the EXPxxxx pins that allow the I2C signals to be sent/received from/to one PCA9518 to/from another PCA9518 within the cluster.

Since there is no direction pin, slightly different “legal” low voltage levels are used to avoid lock up conditions between the input and the output of individual repeaters in the cluster. A “regular low” applied at the input of any of the PCA9518 devices will then be propagated as a “buffered low” with a slightly higher value to all enabled outputs in the PCA9518 cluster. When this “buffered low” is applied to a PCA9515 and PCA9516 or separate PCA9518 cluster (not connected via the EXPxxx pins) in series, the second PCA9515 and PCA9516 or PCA9518 cluster will not recognize it as a “regular low” and will not propagate it as a “buffered low ” again. The PCA9510/9511/9513/9514 and PCA9512 cannot be used in series with the PCA9515 and PCA9516 or PCA9518 but can be used in series with themselves since they use shifting instead of static offsets to avoid lock up conditions.



FEATURES

• Expandable 5 channel, bi-directional buffer

• I2C-bus and SMBus compatible

• Active-HIGH individual repeater enable inputs

• Open-drain input/outputs

• Lock-up free operation

• Supports arbitration and clock stretching across the repeater

• Accommodates standard mode and fast mode I2C devices and multiple masters

• Powered-off high-impedance I2C pins

• Operating supply voltage range of 3.0 V to 3.6 V

• 5 V tolerant I2C and enable pins

• 0 kHz to 400 kHz clock frequency2

• ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101.

• Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA.

• Package offerings: SO and TSSOP



 




Similar Part No. - PCA9518

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9518 TI-PCA9518 Datasheet
489Kb / 20P
EXPANDABLE FIVE-CHANNEL I2C HUB
logo
NXP Semiconductors
PCA9518 NXP-PCA9518 Datasheet
121Kb / 21P
Expandable 5-channel I2C-bus hub
Rev. 05-2 December 2008
logo
Texas Instruments
PCA9518 TI2-PCA9518 Datasheet
936Kb / 30P
PCA9518 Expandable Five-Channel I2C HUB
REVISED JUNE 2014
logo
NXP Semiconductors
PCA9518A NXP-PCA9518A Datasheet
126Kb / 23P
Expandable 5-channel I2C-bus hub
Rev. 03-3 December 2008
PCA9518A NXP-PCA9518A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results


Similar Description - PCA9518

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9516 PHILIPS-PCA9516 Datasheet
112Kb / 10P
5-channel I2C hub
2002 May 13
logo
SMSC Corporation
TMC2005 SMSC-TMC2005 Datasheet
153Kb / 32P
5 Port HUB Controller Device
logo
NXP Semiconductors
PCA9516A PHILIPS-PCA9516A Datasheet
122Kb / 13P
5-channel I2C hub
2004 Sep 29
logo
SMSC Corporation
TMC2005-JT SMSC-TMC2005-JT Datasheet
395Kb / 32P
ARCNET 5 Port HUB Controller
logo
Texas Instruments
PCA9518 TI-PCA9518 Datasheet
489Kb / 20P
EXPANDABLE FIVE-CHANNEL I2C HUB
logo
NXP Semiconductors
PCA9518 NXP-PCA9518 Datasheet
121Kb / 21P
Expandable 5-channel I2C-bus hub
Rev. 05-2 December 2008
PCA9518A NXP-PCA9518A Datasheet
126Kb / 23P
Expandable 5-channel I2C-bus hub
Rev. 03-3 December 2008
logo
Advantech Co., Ltd.
USB-4622 ADVANTECH-USB-4622 Datasheet
188Kb / 1P
5-port USB 2.0 Hub
logo
NXP Semiconductors
PCA9516A NXP-PCA9516A Datasheet
115Kb / 19P
5-channel I2C-bus hub
Rev. 03-23 April 2009
logo
SparkFun Electronics
ROB-12449 SPARKFUN-ROB-12449 Datasheet
95Kb / 1P
Clamping Hub - 5/16 Bore
2/4/2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com