Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9518 Datasheet (PDF) - Texas Instruments

PCA9518 Datasheet PDF - Texas Instruments
Part # PCA9518
Download  PCA9518 Download
File Size   936.88 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCA9518 Expandable Five-Channel I2C HUB

PCA9518 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9518 Datasheet PDF - Texas Instruments

Part # PCA9518
Download  PCA9518 Click to download

File Size   936.88 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description PCA9518 Expandable Five-Channel I2C HUB

PCA9518 Datasheet (HTML) - Texas Instruments


PCA9518 Product details

1 Features
1• Expandable Five-Channel Bidirectional Buffer
• 400-kHz Fast I2C Bus
• Operating VCC Range of 3 V to 3.6 V
• 5-V Tolerant I2C and Enable Input Pins to Support
Mixed-Mode Signal Operation
• Active-High Individual Repeater Enable Inputs
• Open-Drain Input/Outputs
• Lockup-Free Operation
• Supports Multiple Masters
• Powered-Off High-Impedance I2C Pins
• I2C Bus and SMBus Compatible
• Latchup Performance Exceeds 100 mA Per JESD
78
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

2 Description
The PCA9518 is an expandable five-channel
bidirectional buffer for I2 C and SMBus applications. The I2C protocol requires a maximum bus
capacitance of 400 pF, which is derived from the
number of devices on the I2C bus and the bus length.
The PCA9518 overcomes this restriction by
separating and buffering the I2C data (SDA) and clock (SCL) lines into multiple groups of 400-pF
segments. Any segment-to-segment transition sees
only one repeater delay. Each PCA9518 can
communicate with other PCA9518 hubs through a 4- wire inter-hub expansion bus. Using multiple
PCA9518 parts, any width hub (in multiples of five)
can be implemented using the expansion pins, with
only one repeater delay and no functional
degradation of the system performance.
The PCA9518 does not support clock stretching
across the repeater.




Similar Part No. - PCA9518

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9518 PHILIPS-PCA9518 Datasheet
109Kb / 12P
Expandable 5-channel I2C hub
2004 Sep 29
logo
Texas Instruments
PCA9518 TI-PCA9518 Datasheet
489Kb / 20P
EXPANDABLE FIVE-CHANNEL I2C HUB
logo
NXP Semiconductors
PCA9518 NXP-PCA9518 Datasheet
121Kb / 21P
Expandable 5-channel I2C-bus hub
Rev. 05-2 December 2008
PCA9518A NXP-PCA9518A Datasheet
126Kb / 23P
Expandable 5-channel I2C-bus hub
Rev. 03-3 December 2008
PCA9518A NXP-PCA9518A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results


Similar Description - PCA9518

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9518 PHILIPS-PCA9518 Datasheet
109Kb / 12P
Expandable 5-channel I2C hub
2004 Sep 29
PCA9516 PHILIPS-PCA9516 Datasheet
112Kb / 10P
5-channel I2C hub
2002 May 13
logo
Analog Devices
ADG795A AD-ADG795A Datasheet
543Kb / 24P
I2C-Compatible, Wide Bandwidth, Five 2:1 Multiplexer
7/06-Revision 0
logo
NXP Semiconductors
PCA9516A PHILIPS-PCA9516A Datasheet
122Kb / 13P
5-channel I2C hub
2004 Sep 29
logo
Texas Instruments
PCA9518 TI-PCA9518 Datasheet
489Kb / 20P
EXPANDABLE FIVE-CHANNEL I2C HUB
logo
NXP Semiconductors
PCA9518 NXP-PCA9518 Datasheet
121Kb / 21P
Expandable 5-channel I2C-bus hub
Rev. 05-2 December 2008
PCA9518A NXP-PCA9518A Datasheet
126Kb / 23P
Expandable 5-channel I2C-bus hub
Rev. 03-3 December 2008
logo
Sanyo Semicon Device
LA6560 SANYO-LA6560 Datasheet
105Kb / 9P
Five-Channel Driver
LA6574D SANYO-LA6574D Datasheet
79Kb / 8P
Five-Channel Driver
logo
NXP Semiconductors
PCA9516A NXP-PCA9516A Datasheet
115Kb / 19P
5-channel I2C-bus hub
Rev. 03-23 April 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com