Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4202DBR Datasheet(PDF) 22 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM4202DBR
Description  High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM4202DBR Datasheet(HTML) 22 Page - Burr-Brown (TI)

Back Button PCM4202DBR Datasheet HTML 18Page - Burr-Brown (TI) PCM4202DBR Datasheet HTML 19Page - Burr-Brown (TI) PCM4202DBR Datasheet HTML 20Page - Burr-Brown (TI) PCM4202DBR Datasheet HTML 21Page - Burr-Brown (TI) PCM4202DBR Datasheet HTML 22Page - Burr-Brown (TI) PCM4202DBR Datasheet HTML 23Page - Burr-Brown (TI) PCM4202DBR Datasheet HTML 24Page - Burr-Brown (TI) PCM4202DBR Datasheet HTML 25Page - Burr-Brown (TI) PCM4202DBR Datasheet HTML 26Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
22
1k
Ω
40.2
Ω
40.2
Ω
1k
Ω
270
Ω
270
Ω
OPA1632
1nF
1nF
1k
Ω
Differential
Analog Input
2.7nF
0.01
µF
10
µF
−15V
2
1
8
EN
V
OCM
100pF
To V
IN−
To V
IN+
From
Buffered V
COM
in Figure 14.
7
6
3
4
5
10
µF
0.01
µF
+15V
(+)
+
+
(
−)
100pF
0.1
µF
Figure 13. Example Input Buffer Circuit
V
COML
or
V
COMR
PCM4202
OPA227
or equivalent
To
Buffered V
COM
in Figure 13.
0.1
µF
Figure 14. Example Buffer Circuit for VCOML and VCOMR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com