Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4202DBR Datasheet(PDF) 15 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # PCM4202DBR
Description  High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM4202DBR Datasheet(HTML) 15 Page - Burr-Brown (TI)

Back Button PCM4202DBR Datasheet HTML 11Page - Burr-Brown (TI) PCM4202DBR Datasheet HTML 12Page - Burr-Brown (TI) PCM4202DBR Datasheet HTML 13Page - Burr-Brown (TI) PCM4202DBR Datasheet HTML 14Page - Burr-Brown (TI) PCM4202DBR Datasheet HTML 15Page - Burr-Brown (TI) PCM4202DBR Datasheet HTML 16Page - Burr-Brown (TI) PCM4202DBR Datasheet HTML 17Page - Burr-Brown (TI) PCM4202DBR Datasheet HTML 18Page - Burr-Brown (TI) PCM4202DBR Datasheet HTML 19Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
15
Table 4. Sampling Mode Selection for DSD
Output Mode Operation
FS2
FS1
FS0
SAMPLING MODE
0
0
0
128fS DSD Output Rate with fSCKI = 768fS
0
0
1
128fS DSD Output Rate with fSCKI = 512fS
0
1
0
128fS DSD Output Rate with fSCKI = 384fS
0
1
1
128fS DSD Output Rate with fSCKI = 256fS
1
0
0
64fS DSD Output Rate with fSCKI = 384fS
1
0
1
64fS DSD Output Rate with fSCKI = 256fS
1
1
0
Reserved
1
1
1
Reserved
AUDIO DATA FORMATS
As mentioned previously, the PCM4202 supports 24-bit
linear PCM output data, as well as 1-bit DSD output data.
The available data formats are dependent upon whether
the PCM4202 is configured in Slave or Master mode. The
S/M (pin 8), FMT0 (pin 6), and FMT1 (pin 7) inputs are
utilized to select either Slave or Master mode and the
corresponding audio data format.
In Slave mode, the PCM bit and left/right clocks (BCK and
LRCK) are configured as input pins. DSD data formats are
not supported in Slave mode. Slave mode supports
commonly used PCM audio data formats, including Left
Justified, Right Justified, and Philips I2S.
In Master mode, the PCM bit and left/right clocks (BCK and
LRCK respectively) are configured as output pins, and are
derived from the system clock input (SCKI). Alternatively,
the DSD output data may be provided at the port output.
Table 5 shows the available data format selections.
Figure 3 and Figure 4 illustrate the PCM and DSD data
formats.
Table 5. Audio Data Format Selection
FMT1
FMT0
AUDIO DATA FORMAT
0
0
24-bit Left Justified
0
1
24-bit I2S
1
0
24-bit Right Justified
1
1
1-bit DSD (Master Mode Only)
Left Channel
(a) Left Justified Data Format
(b) Right Justified Data Format
Right Channel
LRCKI
BCKI
DATA
MSB
LSB
LSB
MSB
LRCKI
BCKI
DATA
MSB
MSB
LSB
LSB
(c) I2SData Format
1/f
S
LRCKI
BCKI
DATA
MSB
LSB
MSB
LSB
Figure 3. PCM Data Formats: Left Justified, Right Justified, and Philips I2S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com