Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM261 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM261
Description  High Speed Differential Comparators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM261 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM261 Datasheet HTML 1Page - National Semiconductor (TI) LM261 Datasheet HTML 2Page - National Semiconductor (TI) LM261 Datasheet HTML 3Page - National Semiconductor (TI) LM261 Datasheet HTML 4Page - National Semiconductor (TI) LM261 Datasheet HTML 5Page - National Semiconductor (TI) LM261 Datasheet HTML 6Page - National Semiconductor (TI) LM261 Datasheet HTML 7Page - National Semiconductor (TI) LM261 Datasheet HTML 8Page - National Semiconductor (TI) LM261 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical Characteristics (Continued)
(V
+ = +10V, V
CC = +5V, V
= −10V, T
MIN ≤ TA ≤ TMAX, unless noted)
Limits
Parameter
Conditions
LM161/LM261
LM361
Units
Min
Typ
Max
Min
Typ
Max
V
+=10V,
V
=−10V,V
CC=5.25V,
0˚C
≤T
A≤70˚C
Supply Current I
10
mA
V
+=10V, V=−10V,
Supply Current I
CC
V
CC=5.25V,
18
mA
−55˚C
≤T
A≤125˚C
V
+=10V, V=−10V,
Supply Current I
CC
V
CC=5.25V,
20
mA
0˚C
≤T
A≤70˚C
Transient Response
V
IN = 50 mV overdrive
(Note 4)
Propagation Delay Time (t
pd(0))TA=25˚C
14
20
14
20
ns
Propagation Delay Time (t
pd(1))TA=25˚C
14
20
14
20
ns
Delay Between Output A and B
T
A=25˚C
2
5
2
5
ns
Strobe Delay Time (t
pd(0))TA=25˚C
8
8
ns
Strobe Delay Time (t
pd(1))TA=25˚C
8
8
ns
Note 2: The device may be damaged by use beyond the maximum ratings.
Note 3: Typical thermal impedances are as follows:
Note 4: Measurements using AC Test circuit, Fanout = 1. The devices are faster at low supply voltages.
Note 5: Refer to RETS161X for LM161H and LM161J military specifications.
Note 6: Human body model, 1.5 k
Ω in series with 100 pF.
Typical Performance Characteristics
DS005708-17
Offset Voltage
DS005708-8
Input Currents vs Ambient
Temperature
DS005708-9
Input Characteristics
DS005708-10
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com