Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM261 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM261
Description  High Speed Differential Comparators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM261 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM261 Datasheet HTML 1Page - National Semiconductor (TI) LM261 Datasheet HTML 2Page - National Semiconductor (TI) LM261 Datasheet HTML 3Page - National Semiconductor (TI) LM261 Datasheet HTML 4Page - National Semiconductor (TI) LM261 Datasheet HTML 5Page - National Semiconductor (TI) LM261 Datasheet HTML 6Page - National Semiconductor (TI) LM261 Datasheet HTML 7Page - National Semiconductor (TI) LM261 Datasheet HTML 8Page - National Semiconductor (TI) LM261 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM161/LM261/LM361
High Speed Differential Comparators
General Description
The LM161/LM261/LM361 is a very high speed differential
input, complementary TTL output voltage comparator with
improved characteristics over the SE529/NE529 for which it
is a pin-for-pin replacement. The device has been optimized
for greater speed performance and lower input offset volt-
age. Typically delay varies only 3 ns for over-drive variations
of 5 mV to 500 mV. It may be operated from op amp supplies
(±15V).
Complementary outputs having maximum skew are pro-
vided. Applications involve high speed analog to digital con-
verters and zero-crossing detectors in disk file systems.
Features
n Independent strobes
n Guaranteed high speed:
20 ns max
n Tight delay matching on both outputs
n Complementary TTL outputs
n Operates from op amp supplies:
±15V
n Low speed variation with overdrive variation
n Low input offset voltage
n Versatile supply voltage range
Connection Diagrams
Dual-In-Line Package
DS005708-2
Top View
Order Number LM161J
LM361M or LM361N
See NS Package Number M14A or N14A
Metal Can Package
DS005708-3
Order Number LM161H/883 (Note 1), or LM361H
See NS Package Number H10C
Note 1: Also available per SMD #5962-8757203
May 1999
© 1999 National Semiconductor Corporation
DS005708
www.national.com


Similar Part No. - LM261

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM261 SEOUL-LM261 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM261 SEOUL-LM261 Datasheet
360Kb / 13P
CYAN LAMP LED
LM261 SEOUL-LM261 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM261 SEOUL-LM261 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM261 SEOUL-LM261 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LM261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331I TI-TL331I Datasheet
156Kb / 3P
DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8143 AD-AD8143 Datasheet
577Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/05-Revision 0
AD8145 AD-AD8145 Datasheet
584Kb / 24P
High Speed, Triple Differential Receiver with Comparators
10/06-Revision 0
AD8145WYCPZ-R7 AD-AD8145WYCPZ-R7 Datasheet
464Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. A
logo
Texas Instruments
LM161 TI1-LM161_14 Datasheet
990Kb / 17P
LM161/LM361 High Speed Differential Comparators
logo
Analog Devices
AD8143 AD-AD8143_15 Datasheet
575Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. 0
AD8145 AD-AD8145_15 Datasheet
464Kb / 24P
High Speed, Triple Differential Receiver with Comparators
REV. A
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
High Speed Differential Comparators
LM311-MIL TI1-LM311-MIL Datasheet
903Kb / 25P
Differential Comparators
logo
Analog Devices
AD8143 AD-AD8143_16 Datasheet
639Kb / 24P
High Speed, Triple Differential Receiver with Comparators
4/16-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com