Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2793LD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2793LD
Description  Low Noise White LED Constant Current Supply with Dual Function Brightness Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2793LD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2793LD Datasheet HTML 1Page - National Semiconductor (TI) LM2793LD Datasheet HTML 2Page - National Semiconductor (TI) LM2793LD Datasheet HTML 3Page - National Semiconductor (TI) LM2793LD Datasheet HTML 4Page - National Semiconductor (TI) LM2793LD Datasheet HTML 5Page - National Semiconductor (TI) LM2793LD Datasheet HTML 6Page - National Semiconductor (TI) LM2793LD Datasheet HTML 7Page - National Semiconductor (TI) LM2793LD Datasheet HTML 8Page - National Semiconductor (TI) LM2793LD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
-0.3V to 6.0V
V
SD-BRGT
-0.3V to (V
IN +
0.3V) w/ 6.0V max
Continuous Power Dissipation (Note
4)
Internally Limited
Junction Temperature (T
J-MAX-ABS)
150˚C
Storage Temperature Range
-65˚C to 150˚C
Lead Temp. (Soldering, 5 sec.)
260˚C
ESD Rating (Note 5)
Human Body Model
2kV
Machine Model
200V
Operating Ratings (Notes 2, 8)
Input Voltage V
IN
2.7V to 5.5V
V
SD-BRGT
0V to V
IN
Brightness Adjustment Control
Range of V
SD-BRGT
0.75V to 2.75V
Junction Temperature Range (T
J)
-30˚C to +100˚C
Ambient Temperature Range (T
A)
-30˚C to +85 ˚C
(Note 6)
Thermal Information
Junction-to-Ambient Thermal
Resistance,
LLP-10 Package (
θ
JA) (Note 7)
55˚C/W
Electrical Characteristics
(Notes 2, 8)
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating junction temprature
range. Unless otherwise specified: C
1=C2=CIN=CHOLD=1µF; VIN=3.6V; VSD-BRGT=3.0V; VDX=3.6V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
DX
Output Current Regulation
3.3V
≤ V
IN
≤ 5.5V
V
DX = 3.9V
14.7
13.7
15.9
17.2
17.3
mA
3.0V
≤ V
IN
≤ 5.5V
V
DX = 3.8V
14.7
13.7
15.9
17.2
17.3
2.7V
≤ V
IN
≤ 5.5V
V
DX = 3.4V
14.7
13.7
15.9
17.2
17.3
2.5V
≤ V
DX
≤ 3.9V
(Note 9)
14.7
13.7
15.9
17.2
17.3
V
SD-BRGT= 2.0V
10
V
SD-BRGT= 0.75V
0.1
I
D-MATCH
I
D1-to-ID2 Current Matching
0.3
3.0
%
R
OUT
Charge Pump Output
Resistance
V
IN = 2.7V
3.5
Ω
V
HR-min
Minimum Current Source
Voltage Headroom (V
POUT -
V
IDx) (Note 10)
I
DX = 16mA
400
mV
I
Q
Quiescent Supply Current
I
DX,IPOUT = 0
1.2
2.2
mA
I
SD
Shutdown Supply Current
2.7V
≤ V
IN
≤ 5.5V
V
SD-BRGT =0V
3
5
µA
ON/OFF
SD-BRGT Pin Thresholds
for Active and Shutdown
Modes
Active
V
IN = 3.0V
0.70
V
Shutdown
V
IN = 3.0V
0.25
I
LEAK-SD
SD-BRGT Pin Leakage
Current
17
µA
f
SW
Switching Frequency
2.7V
≤ V
IN
≤ 5.5V
325
500
675
kHz
t
START
Startup Time
I
DX = 90% steady state
30
µs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: Voltage on the SD-BRGT pin should not exceed 6V.
Note 4: Thermal shutdown circuitry protects the device from permanent damage. D1 and D2 may be shorted to GND without damage.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com