Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2793LD Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2793LD
Description  Low Noise White LED Constant Current Supply with Dual Function Brightness Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2793LD Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2793LD Datasheet HTML 1Page - National Semiconductor (TI) LM2793LD Datasheet HTML 2Page - National Semiconductor (TI) LM2793LD Datasheet HTML 3Page - National Semiconductor (TI) LM2793LD Datasheet HTML 4Page - National Semiconductor (TI) LM2793LD Datasheet HTML 5Page - National Semiconductor (TI) LM2793LD Datasheet HTML 6Page - National Semiconductor (TI) LM2793LD Datasheet HTML 7Page - National Semiconductor (TI) LM2793LD Datasheet HTML 8Page - National Semiconductor (TI) LM2793LD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Connection Diagram
LM2793
10-pin Leadless Leadframe Package (LLP-10)
3mmx3mmx0.8mm
NS Package Number LDA10A
20063603
Top View
Ordering Information
Order Number
Package Description
Package
Marking
Supplied as Tape and Reel
(Units)
LM2793LD
LLP-10
LM2793
1000
LM2793LDX
LLP-10
LM2793
4500
Pin Description
Pin
Name
Description
1V
IN
Power supply voltage connection
2
C1-
Flying capacitor C1 connection
3
C2+
Flying capacitor C2 connection
4
C1+
Flying capacitor C1 connection
5P
OUT
Charge pump output
6
D1
Current source output / LED connection
7
D2
Current source output / LED connection
8
SD-BRGT
Dual function Shutdown - Brightness. Grounding pin shuts down part. Voltage
between 0.75V and 2.75V (typ.) linearly adjusts current outputs. Output current
equals 16mA at voltages above 2.75V.
9
GND
Power supply ground connection
10
C2-
Flying capacitor C2 connection
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com