Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4889 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4889
Description  1 Watt Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4889 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4889 Datasheet HTML 1Page - National Semiconductor (TI) LM4889 Datasheet HTML 2Page - National Semiconductor (TI) LM4889 Datasheet HTML 3Page - National Semiconductor (TI) LM4889 Datasheet HTML 4Page - National Semiconductor (TI) LM4889 Datasheet HTML 5Page - National Semiconductor (TI) LM4889 Datasheet HTML 6Page - National Semiconductor (TI) LM4889 Datasheet HTML 7Page - National Semiconductor (TI) LM4889 Datasheet HTML 8Page - National Semiconductor (TI) LM4889 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM4889
1 Watt Audio Power Amplifier
General Description
The LM4889 is an audio power amplifier primarily designed
for demanding applications in mobile phones and other por-
table communication device applications. It is capable of
delivering 1 watt of continuous average power to an 8
Ω BTL
load with less than 2% distortion (THD+N) from a 5V
DC
power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4889 does not require output
coupling capacitors or bootstrap capacitors, and therefore is
ideally suited for mobile phone and other low voltage appli-
cations where minimal power consumption is a primary re-
quirement.
The LM4889 features a low-power consumption shutdown
mode, which is achieved by driving the shutdown pin with a
logic low. Additionally, the LM4889 features an internal ther-
mal shutdown protection mechanism.
The LM4889 contains advanced pop & click circuitry to
eliminate noise which would otherwise occur during turn-on
and turn-off transitions.
The LM4889 is unity-gain stable and can be configured by
external gain-setting resistors.
Key Specifications
j Improved PSRR at 217Hz, 5 - 3.3V
75dB
j Power Output at 5.0V & 2% THD
1.0W(typ.)
j Power Output at 3.3V & 1% THD
400mW(typ.)
j Shutdown Current at 3.3 & 2.6V
0.01µA(typ.)
Features
n
Available in space-saving MSOP, SOIC, LLP, and micro
SMD packages
n
Ultra low current shutdown mode (3.3 to 2.6V - 0.01µA)
n
Can drive capacitive loads up to 500 pF
n
Improved pop & click circuitry eliminates noises during
turn-on and turn-off transitions
n
2.2 - 5.5V operation
n
No output coupling capacitors, snubber networks or
bootstrap capacitors required
n
Unity-gain stable
n
External gain configuration capability
Applications
n
Mobile Phones
n
PDAs
n
Portable electronic devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20035801
FIGURE 1. Typical Audio Amplifier Application Circuit
June 2003
© 2003 National Semiconductor Corporation
DS200358
www.national.com


Similar Part No. - LM4889

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4889 TI-LM4889 Datasheet
1Mb / 27P
1 Watt Audio Power Amplifier
LM4889ITLX/NOPB TI-LM4889ITLX/NOPB Datasheet
1Mb / 27P
1 Watt Audio Power Amplifier
LM4889MA/NOPB TI-LM4889MA/NOPB Datasheet
1Mb / 27P
1 Watt Audio Power Amplifier
LM4889MAX/NOPB TI-LM4889MAX/NOPB Datasheet
1Mb / 27P
1 Watt Audio Power Amplifier
LM4889MM TI-LM4889MM Datasheet
1Mb / 27P
1 Watt Audio Power Amplifier
More results

Similar Description - LM4889

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4890 NSC-LM4890 Datasheet
1Mb / 31P
1 Watt Audio Power Amplifier
LM4905 NSC-LM4905 Datasheet
686Kb / 17P
1 Watt Audio Power Amplifier
LM4904 NSC-LM4904 Datasheet
670Kb / 18P
1 Watt Audio Power Amplifier
LM4903 NSC-LM4903 Datasheet
650Kb / 17P
1 Watt Audio Power Amplifier
LM4891 NSC-LM4891 Datasheet
733Kb / 20P
1 Watt Audio Power Amplifier
LM4907 NSC-LM4907 Datasheet
1Mb / 17P
1 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
1 Watt Audio Power Amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4889 TI-LM4889 Datasheet
1Mb / 27P
1 Watt Audio Power Amplifier
LM4890 TI-LM4890_15 Datasheet
1Mb / 36P
1 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com