Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4889 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4889
Description  1 Watt Audio Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4889 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4889 Datasheet HTML 1Page - National Semiconductor (TI) LM4889 Datasheet HTML 2Page - National Semiconductor (TI) LM4889 Datasheet HTML 3Page - National Semiconductor (TI) LM4889 Datasheet HTML 4Page - National Semiconductor (TI) LM4889 Datasheet HTML 5Page - National Semiconductor (TI) LM4889 Datasheet HTML 6Page - National Semiconductor (TI) LM4889 Datasheet HTML 7Page - National Semiconductor (TI) LM4889 Datasheet HTML 8Page - National Semiconductor (TI) LM4889 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Connection Diagrams
Small Outline (SO) Package
SO Marking
20035835
Top View
Order Number LM4889MA
See NS Package Number M08A
20035872
Top View
XY - Date Code
TT - Die Traceability
Bottom 2 lines - Part Number
Mini Small Outline (MSOP) Package
MSOP Marking
20035836
Top View
Order Number LM4889MM
See NS Package Number MUA08A
20035871
Top View
G - Boomer Family
A2 - LM4889MM
8 Bump micro SMD
8 Bump micro SMD Marking
20035887
Top View
Order Number LM4889ITL, LM4889ITLX
See NS Package Number TLA08AAA
20035879
Top View
X - Date Code
T - Die Traceability
G - Boomer Family
A3 - LM4889ITL
LLP Package
10 Pin LLP Marking
20035830
Top View
Order Number LM4889LD
See NS Package Number LDA10B
20035831
Top View
Z - Assembly Plant Date Code (M for Malacca)
XY - 2 Digit Date Code
TT - Die Traceability
L4889 - LM4889LD
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com