Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4915 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4915
Description  Pseudo-Differential Mono Headphone Amplifier with Fixed 6dB Gain
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4915 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4915 Datasheet HTML 3Page - National Semiconductor (TI) LM4915 Datasheet HTML 4Page - National Semiconductor (TI) LM4915 Datasheet HTML 5Page - National Semiconductor (TI) LM4915 Datasheet HTML 6Page - National Semiconductor (TI) LM4915 Datasheet HTML 7Page - National Semiconductor (TI) LM4915 Datasheet HTML 8Page - National Semiconductor (TI) LM4915 Datasheet HTML 9Page - National Semiconductor (TI) LM4915 Datasheet HTML 10Page - National Semiconductor (TI) LM4915 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Typical Performance Characteristics (Continued)
I
SD Distribution
V
DD =3V
200482F1
Application Information
DIFFERENTIAL AMPLIFIER EXPLANATION
The LM4915 is a pseudo-differential audio amplifier that
features a fixed gain of 6dB. Internally this is accomplished
by two separate sets of inverting amplifiers, each set to a
gain of 2. The LM4915 features precisely matched internal
gain-setting resistors set to R
i = 20k
Ω and R
f = 40k
Ω, thus
eliminating the need for external resistors and fixing the
differential gain at A
VD = 6dB.
A differential amplifier works in a manner where the differ-
ence between the two input signals is amplified. In most
applications, this would require input signals that are 180˚
out of phase with each other. The LM4915 works in a
pseudo-differential manner, so DC offset normally cancelled
by a fully differential amplifier needs to be blocked by input
coupling capacitors for the LM4915 to amplify the difference
between the inputs.
The LM4915 provides what is known as a ’bridged mode’
output (bridge-tied-load, BTL). This results in output signals
at Vo1 and Vo2 that are 180˚ out of phase with respect to
each other. Bridged mode operation is different from the
single-ended amplifier configuration that connects the load
between the amplifier output and ground. A bridged amplifier
design has distinct advantages over the single-ended con-
figuration: it provides differential drive to the load, thus dou-
bling maximum possible output swing for a specific supply
voltage. Four times the output power is possible compared
with a single-ended amplifier under the same conditions.
This increase in attainable output power assumes that the
amplifier is not current limited or clipped. A bridged configu-
ration, such as the one used in the LM4915, also creates a
second advantage over single-ended amplifiers. Since the
differential outputs, Vo1 and Vo2 , are biased at half-supply,
no net DC voltage exists across the load. BTL configuration
eliminates the output coupling capacitor required in single-
supply, single-ended amplifier configurations. If an output
coupling capacitor is not used in a single-ended output con-
figuration, the half-supply bias across the load would result
in both increased internal IC power dissipation as well as
permanent loudspeaker damage.
POWER DISSIPATION
Power dissipation is a major concern when designing a
successful amplifer, whether the amplifier is bridged or
single-ended. Equation 1 states the maximum power dissi-
pation point for a single-ended amplifier operating at a given
supply voltage and driving a specified output load.
P
DMAX =(VDD)
2 /(2
π2R
L)
Single-Ended
(1)
However, a direct consequence of the increased power de-
livered to the load by a bridge amplifier is an increase in
internal power dissipation versus a single-ended amplifier
operating at the same conditions.
P
DMAX = 4(VDD)
2 /(2
π2R
L)
Bridge Mode
(2)
Since the LM4915 has bridged outputs, the maximum inter-
nal power dissipation is 4 times that of a single-ended am-
plifier.
Even with this substantial increase in power dissipation, the
LM4915 does not require additional heatsinking under most
operating conditions and output loading. From Equation 2,
assuming a 5V power supply and an 16
Ω load, the maximum
power dissipation point is 316mW. The maximum power
dissipation point obtained from Equation 2 must not be
greater than the power dissipation results from Equation 3:
P
DMAX =(TJMAX -TA)/
θ
JA
(3)
The LM4915’s
θ
JA in an LQB08A package is 140˚C/W. De-
pending on the ambient temperature, T
A , of the system
surroundings, Equation 3 can be used to find the maximum
internal power dissipation supported by the IC packaging. If
the result of Equation 2 is greater than that of Equation 3,
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com