Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4915 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4915
Description  Pseudo-Differential Mono Headphone Amplifier with Fixed 6dB Gain
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4915 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4915 Datasheet HTML 1Page - National Semiconductor (TI) LM4915 Datasheet HTML 2Page - National Semiconductor (TI) LM4915 Datasheet HTML 3Page - National Semiconductor (TI) LM4915 Datasheet HTML 4Page - National Semiconductor (TI) LM4915 Datasheet HTML 5Page - National Semiconductor (TI) LM4915 Datasheet HTML 6Page - National Semiconductor (TI) LM4915 Datasheet HTML 7Page - National Semiconductor (TI) LM4915 Datasheet HTML 8Page - National Semiconductor (TI) LM4915 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM4915
Pseudo-Differential Mono Headphone Amplifier with
Fixed 6dB Gain
General Description
The LM4915 is a pseudo-differential audio power amplifier
primarily designed for demanding applications in mobile
phones and other portable audio device applications with
mono headphones. It is capable of delivering 90 miliwatts of
continuous average power to a 32
Ω BTL load with less than
1% distortion (THD+N) from a 3V
DC power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4915 does not require output
coupling capacitors or bootstrap capacitors, and therefore is
ideally suited for mobile phone and other low voltage appli-
cations where minimal power consumption is a primary re-
quirement.
The LM4915 features a low-power consumption shutdown
mode. To facilitate this, Shutdown may be enabled by driving
the shutdown pin low. Additionally, the LM4915 features an
internal thermal shutdown protection mechanism.
The LM4915 contains advanced pop & click circuitry which
virtually eliminates noises which would otherwise occur dur-
ing turn-on and turn-off transitions.
The LM4915 has an internally fixed gain of 6dB.
Key Specifications
n
Improved PSRR at 217Hz and 1kHz
75dB (typ)
n
Power Output at 5.0V & 1% THD into 32
Ω 280mW (typ)
n
Power Output at 3.0V & 1% THD into 32
Ω 90mW (typ)
n
Output Noise, A-weighted
20µV (typ)
Features
n
Pseudo-differential amplification
n
Internal gain-setting resistors
n
Available in space-saving LLP package
n
Ultra low current shutdown mode
n
Can drive capacitive loads up to 500pF
n
Improved pop & click circuitry virtually eliminates noises
during turn-on and turn-off transitions
n
2.2 - 5.5V operation
n
No output coupling capacitors, snubber networks,
bootstrap capacitors or gain-setting resistors required
n
Ultra low noise
Applications
n
Mobile phones
n
PDAs
n
Portable electronics devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
200482B4
FIGURE 1. Typical Audio Amplifier Application Circuit
May 2003
© 2003 National Semiconductor Corporation
DS200482
www.national.com


Similar Part No. - LM4915

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4915 TI1-LM4915 Datasheet
884Kb / 18P
Pseudo-Differential Mono Headphone Amplifier with Fixed 6dB Gain
LM4915 TI2-LM4915 Datasheet
437Kb / 18P
LM4915 Pseudo-Differential Mono Headphone Amplifier with Fixed 6dB Gain
REVISED MAY 2013
logo
National Semiconductor ...
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Texas Instruments
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
More results

Similar Description - LM4915

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4895 NSC-LM4895 Datasheet
682Kb / 15P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4899 NSC-LM4899 Datasheet
593Kb / 16P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
logo
Maxim Integrated Produc...
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX9820 MAXIM-MAX9820 Datasheet
1Mb / 13P
DirectDrive Headphone Amplifier with External Gain
Rev 0; 7/09
logo
Texas Instruments
TPA6139A2 TI1-TPA6139A2 Datasheet
825Kb / 22P
DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
TPA6139A2 TI-TPA6139A2_15 Datasheet
967Kb / 23P
DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
LM4915 TI1-LM4915 Datasheet
884Kb / 18P
Pseudo-Differential Mono Headphone Amplifier with Fixed 6dB Gain
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
3V Video Amplifier with 6dB Gain and Filter
logo
Maxim Integrated Produc...
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com