Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936SLX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3936SLX
Description  Lighting Management System for Six White LEDs and One RGB or FLASH LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3936SLX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3936SLX Datasheet HTML 3Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 4Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 5Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 6Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 7Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 8Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 9Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 10Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Logic Interface Characteristics
(1.8V
≤ V
DD_IO
≤ V
DD1,2) (Note 11)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LOGIC INPUTS DI, SCL, NRST, RGB_EN, CS, MW_SEL
V
IL
Input Low Level
0.5
V
V
IH
Input High Level
V
DD_IO − 0.5
V
I
I
Logic Input Current
−1.0
1.0
µA
f
SCL
Clock Frequency
I
2C Mode
400
kHz
MicroWire Mode
8
MHz
LOGIC OUTPUTS DO, CS
V
OL
Output Low Level
I
DO, CS =3mA
0.3
0.6
V
V
OH
Output High Level
I
DO =−3mA
V
DD_IO − 0.6
V
DD_IO − 0.3
V
I
L
Output Leakage Current
V
DO = 2.8V
1.0
µA
Note 11: In I2C mode operating ratings are limited to 3.0V
≤ VDD1,2 ≤ 4.5V and –20˚C ≤ TA ≤ +85˚C.
Control Interface
The LP3936 supports two different interfaces modes:
1) MicroWire/SPI interface
2) I
2C compatible interface
User can define the interface by MW_SEL pin. The pin
configuration will also change depending on which interface
is selected. The following table shows the selections for both
interface modes.
MW_SEL
Interface
Pin Configuration
Comment
1
MicroWire/SPI
SCL
DI
DO
CS
(clock)
(data in)
(data out)
(chip select)
0I
2C Compatible
SCL
CS = SDA
(clock)
(data in/out)
Use pull up resistor for SCL
Use pull up resistor for SDA
MicroWire/SPI Interface
The Microwire transmission consists of 16-bit Write and
Read Cycles. One cycle consists of 7 Address bits, 1 Read/
Write (R/W) bit and 8 Data bits. Read is done in two cycles:
address is provided in the first cycle and the data is sent out
on the next cycle. R/W bit high state defines a Write Cycle
and low defines a Read Cycle. DO output is normally in
high-impedance state and it is active only during Write and
Read Cycles. A pull-up or pull-down resistor may be needed
in DO line if a floating logic signal can cause unintended
current consumption in other circuits where DO is con-
nected.
The Address and Data are transmitted MSB first. The Chip
Select signal CS must be low during the Cycle transmission.
CS resets the interface when high and it has to be taken high
between successive Cycles. Data is clocked in on the rising
edge of the SCL clock signal, while data is clocked out on the
falling edge of SCL.
The MicroWire interface mode can also support SPI inter-
face. The difference with normal SPI interface is that in
LP3936 the Read operation from a new address needs two
read cycles. If repetitive reads are made from the same
address, a correct value is obtained on every read cycle.
MicroWire Write Cycle
20081407
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com