Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3936SLX Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3936SLX
Description  Lighting Management System for Six White LEDs and One RGB or FLASH LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3936SLX Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP3936SLX Datasheet HTML 8Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 9Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 10Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 11Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 12Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 13Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 14Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 15Page - National Semiconductor (TI) LP3936SLX Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
A/D Converter for Ambient Light Measurement (Continued)
20081416
Magnetic Boost DC/DC Converter
The LP3936 Boost DC/DC Converter generates a 4.1V–5.3V supply voltage for the LEDs from single Li-Ion battery (3V … 4.5V).
The output voltage is controlled with an 8-bit register in 9 steps. The converter is a magnetic switching PFM/PWM mode DC/DC
converter with a current limit. The converter has a 1 MHz switching frequency when timing resistor RT is 82 k
Ω.
The topology of the magnetic boost converter is called CPM control, current programmed mode, where the inductor current is
measured and controlled with the feedback. The user can program the output voltage of the boost converter. The control changes
the resistor divider in the feedback loop.
The following figure shows the boost topology with the protection circuitry. Three different protection schemes are implemented:
1) Over voltage protection, limits the maximum output voltage
a. Keeps the output below breakdown voltage.
b. Prevents boost operation if battery voltage is much higher than desired output.
2) Over current protection, limits the maximum inductor current
a. Voltage over switching NMOS is monitored; too high voltages turn the switch off.
3) Duty cycle limiting, done with digital control.
20081417
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com