Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS441RG Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BTS441RG
Description  Smart Power High-Side-Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS441RG Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BTS441RG Datasheet HTML 5Page - Infineon Technologies AG BTS441RG Datasheet HTML 6Page - Infineon Technologies AG BTS441RG Datasheet HTML 7Page - Infineon Technologies AG BTS441RG Datasheet HTML 8Page - Infineon Technologies AG BTS441RG Datasheet HTML 9Page - Infineon Technologies AG BTS441RG Datasheet HTML 10Page - Infineon Technologies AG BTS441RG Datasheet HTML 11Page - Infineon Technologies AG BTS441RG Datasheet HTML 12Page - Infineon Technologies AG BTS441RG Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data sheet
9
Rev. 1.21, 2012-12-06
BTS441RG
Terms
352)(7
,1
67
287
*1'
9EE
967
9 ,1
,,1
9EE
,/
9287
,*1'
921
/HDGIUDPH
,EE
,67
5*1'
Input circuit (ESD protection)
,1
*1'
,
5
(6'='
,,
,
The use of ESD zener diodes as voltage clamp at DC
conditions is not recommended.
Status output
67
*1'
(6'
='
9
5 6721
ESD-Zener diode: 6.1 V typ., max 5.0 mA; RST(ON) < 375 Ω
at 1.6 mA, ESD zener diodes are not to be used as voltage
clamp at DC conditions. Operation in this mode may resul
t in
a drift of the zener voltage (increase of up to 1 V).
Inductive and overvoltage output clamp
9EE
287
*1'
352)(7
9=
9 21
VON clamped to 47 V typ.
Overvolt. and reverse batt. protection
9EE
,1
67
67
5
*1'
*1'
5
6LJQDO *1'
/RJLF
352)(7
9=
,
5
9=
/RDG*1'
/RDG
5
287
67
5
9
VZ1 = 6.1 V typ., VZ2 = 47 V typ., RGND = 150 Ω,
RST= 15 kΩ, RI= 3.5 kΩ typ.
In case of reverse battery the load current has to be
limited by the load. Temperature protection is not
active
Open-load detection
OFF-state diagnostic condition:
Open Load, if
VOUT > 3 V typ.; IN low
2SHQ ORDG
GHWHFWLRQ
/RJLF
XQLW
9287
6LJQDO *1'
2))
5(;7
9EE
GND disconnect
352)(7
9
,1
67
287
*1'
EE
9EE 9,1 967
9*1'
Any kind of load. In case of Input=high is VOUT
≈ VIN - VIN(T+) .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com