Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTS441RG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BTS441RG
Description  Smart Power High-Side-Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS441RG Datasheet(HTML) 2 Page - Infineon Technologies AG

  BTS441RG Datasheet HTML 1Page - Infineon Technologies AG BTS441RG Datasheet HTML 2Page - Infineon Technologies AG BTS441RG Datasheet HTML 3Page - Infineon Technologies AG BTS441RG Datasheet HTML 4Page - Infineon Technologies AG BTS441RG Datasheet HTML 5Page - Infineon Technologies AG BTS441RG Datasheet HTML 6Page - Infineon Technologies AG BTS441RG Datasheet HTML 7Page - Infineon Technologies AG BTS441RG Datasheet HTML 8Page - Infineon Technologies AG BTS441RG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PG-TO263-5
Type
Package
Marking
BTS441RG
PG-TO263-5
BTS441R
Data sheet
2
Rev. 1.21, 2012-12-06
Smart Power High-Side-Switch
One Channel: 20 m
Ω
BTS441RG
1Overview
General Description
•
N channel vertical power FET with charge pump, ground referenced
CMOS compatible input, monolithically integrated in Smart SIPMOS
technology
•
Providing embedded protective functions
•
Green Product (RoHS compliant)
•
AEC Qualified
Application
•
µC compatible power switch 5 V, 12 V and 24 V DC applications
•
All types of resistive, inductive and capatitive loads
•
Most suitable for loads with high inrush currents, so as lamps
•
Replaces electromechanical relays, fuses and discrete circuits
Basic Functions
•
Very low standby current
•
Optimized static electromagnetic compatibility (EMC)
•
µC and CMOS compatible
•
Fast demagnetization of inductive loads
•
Stable behavior at undervoltage
Protection Functions
•
Short circuit protection
•
Current limitation
•
Overload protection
•
Thermal Shutdown
•
Overvoltage protection (including load dump) with
external GND resistor
•
Reverse battery protection with external GND-resistor
•
Loss of ground and loss of
V
bb protection
•
Electrostatic discharge (ESD) protection
5
BTS441RG
2
Control
Circuit
RIN
3
Temperature
Sensor
IN
OUT
VBB
4
GND
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com