Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47N267 Datasheet(PDF) 13 Page - SMSC Corporation

Part # LPC47N267
Description  100 Pin LPC Notebook I/O with X-Bus Interface
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N267 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LPC47N267 Datasheet HTML 9Page - SMSC Corporation LPC47N267 Datasheet HTML 10Page - SMSC Corporation LPC47N267 Datasheet HTML 11Page - SMSC Corporation LPC47N267 Datasheet HTML 12Page - SMSC Corporation LPC47N267 Datasheet HTML 13Page - SMSC Corporation LPC47N267 Datasheet HTML 14Page - SMSC Corporation LPC47N267 Datasheet HTML 15Page - SMSC Corporation LPC47N267 Datasheet HTML 16Page - SMSC Corporation LPC47N267 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 180 page
background image
SMSC DS – LPC47N267
Page 13
Rev. 10/23/2000
STQFP PIN #
NAME
SYMBOL
BUFFER
TYPE PER
FUNCTION
1
DESCRIPTION
40
General
Purpose I/O/
X-Bus Chip
Select 0
GP40/
XCS0#
(I/O8)/
O8
General Purpose Input/Output.
X-Bus Chip Select 0.
41
General
Purpose I/O/
X-Bus Chip
Select 1
GP41/
XCS1#
(I/O8)/
O8
General Purpose Input/Output.
X-Bus Chip Select 1.
42
General
Purpose I/O/
X-Bus Chip
Select 2
GP42/
XCS2#
(I/O8)/
O8
General Purpose Input/Output.
X-Bus Chip Select 2.
43
General
Purpose I/O/
X-Bus Read
Strobe
(Note 5)
GP43/
XRD#
(I/O8)/
O8
General Purpose Input/Output.
X-Bus Read Strobe.
44
General
Purpose I/O/
X-Bus Write
Strobe
(Note 5)
GP44/
XWR#
(I/O8)/
O8
General Purpose Input/Output.
X-Bus Write Strobe.
45
General
Purpose I/O/
X-Bus Addr 0
GP45/
XA0
(I/O8)/
O8
General Purpose Input/Output.
X-Bus Address Bit 0.
46
General
Purpose I/O/
X-Bus Addr 1
GP46/
XA1
(I/O8)/
O8
General Purpose Input/Output.
X-Bus Address Bit 1.
47
General
Purpose I/O/
X-Bus Addr 2
GP47/
XA2
(I/O8)/
O8
General Purpose Input/Output.
X-Bus Address Bit 2.
48
General
Purpose I/O/
X-Bus Addr 3/
X-Bus Chip
Select 3
GP10/
XA3/
XCS3#
(I/O8)/
O8/
O8
General Purpose Input/Output.
X-Bus Address Bit 3.
X-Bus Chip Select 3.
GENERAL PURPOSE I/O (12)
6,
56,
57-59
General
Purpose I/O
GP24,
GP17,
GP20-GP22
(I/O8/OD8)
(Note 6)
Dedicated General Purpose Input/Output.
49
General
Purpose I/O
(System
Option)
(Note 7)
GP11/
(SYSOPT)
(I/O8/OD8)
General Purpose Input/Output.
At the trailing edge of hardware reset the GP11 pin
is latched to determine the configuration base
address: 0 = Index Base I/O Address 02E Hex; 1 =
Index Base I/O Address 04E Hex.
50
General
Purpose I/O/
System Mgt.
Interrupt
GP12/
IO_SMI#
(I/O12/OD12)
/
(O12/OD12)
General Purpose Input/Output.
Active low System Management Interrupt Output.
51
General
Purpose I/O/
IRQ Input 1
GP13/
IRQIN1
(I/O8/OD8)/
I
General Purpose Input/Output.
External Interrupt Input. Steerable onto one of the
15 Serial IRQs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com