Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47N267 Datasheet(PDF) 21 Page - SMSC Corporation

Part # LPC47N267
Description  100 Pin LPC Notebook I/O with X-Bus Interface
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N267 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LPC47N267 Datasheet HTML 17Page - SMSC Corporation LPC47N267 Datasheet HTML 18Page - SMSC Corporation LPC47N267 Datasheet HTML 19Page - SMSC Corporation LPC47N267 Datasheet HTML 20Page - SMSC Corporation LPC47N267 Datasheet HTML 21Page - SMSC Corporation LPC47N267 Datasheet HTML 22Page - SMSC Corporation LPC47N267 Datasheet HTML 23Page - SMSC Corporation LPC47N267 Datasheet HTML 24Page - SMSC Corporation LPC47N267 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 180 page
background image
SMSC DS – LPC47N267
Page 21
Rev. 10/23/2000
7.3.2
Power Management
CLOCKRUN Protocol
See the Low Pin Count (LPC) Interface Specification Reference, Section 8.1.
LPCPD Protocol
The LPC47N267 will function properly if the nLPCPD signal goes active and then inactive again without
nPCI_RESET becoming active. This is a requirement for notebook power management functions.
Although the LPC Bus spec 1.0 section 8.2 states, "After LPCPD# goes back inactive, the LPC I/F will always be
reset using LRST#”, this statement does not apply for mobile systems. LRST# (PCI_RESET#) will not occur if the
LPC Bus power was not removed. For example, when exiting a "light" sleep state (ACPI S1, APM POS), LRST#
(PCI_RESET#) will not occur. When exiting a "deeper" sleep state (ACPI S3-S5, APM STR, STD, soft-off), LRST#
(PCI_RESET#) will occur.
The LPCPD# pin is implemented as a “local” powergood for the LPC bus in the LPC47N267. It is not used as a
global powergood for the chip. It is used to reset the LPC block and hold it in reset.
An internal powergood is implemented in LPC47N267 to minimize power dissipation in the entire chip.
Prior to going to a low-power state, the system will assert the LPCPD# signal. It will go active at least 30
microseconds prior to the LCLK# (PCI_CLK) signal stopping low and power being shut to the other LPC I/F signals.
Upon recognizing LPCPD# active, the LPC47N267 will drive the LDRQ# signal low or tri-state, and do so until
LPCPD# goes back active.
Upon recognizing LPCPD# inactive, the LPC47N267 will drive its LDRQ# signal high.
See the Low Pin Count (LPC) Interface Specification Reference, Section 8.2.
SYNC Protocol
See the Low Pin Count (LPC) Interface Specification Reference, Section 4.2.1.8 for a table of valid SYNC values.
Typical Usage
The SYNC pattern is used to add wait states. For read cycles, the LPC47N267 immediately drives the SYNC pattern
upon recognizing the cycle. The host immediately drives the sync pattern for write cycles. If the LPC47N267 needs
to assert wait states, it does so by driving 0101 or 0110 on LAD[3:0] until it is ready, at which point it will drive 0000 or
1001. The LPC47N267 will choose to assert 0101 or 0110, but not switch between the two patterns.
The data (or wait state SYNC) will immediately follow the 0000 or 1001 value.
The SYNC value of 0101 is intended to be used for normal wait states, wherein the cycle will complete within a few
clocks. The LPC47N267 uses a SYNC of 0101 for all wait states in a DMA transfer.
The SYNC value of 0110 is intended to be used where the number of wait states is large. This is provided for EPP
cycles, where the number of wait states could be quite large (>1 microsecond). However, the LPC47N267 uses a
SYNC of 0110 for all wait states in an I/O transfer.
The SYNC value is driven within 3 clocks.
SYNC Timeout
The SYNC value is driven within 3 clocks. If the host observes 3 consecutive clocks without a valid SYNC pattern, it
will abort the cycle.
The LPC47N267 does not assume any particular timeout. When the host is driving SYNC, it may have to insert a
very large number of wait states, depending on PCI latencies and retries.
SYNC Patterns and Maximum Number of SYNCS
If the SYNC pattern is 0101, then the host assumes that the maximum number of SYNCs is 8.
If the SYNC pattern is 0110, then no maximum number of SYNCs is assumed. The LPC47N267 has protection
mechanisms to complete the cycle. This is used for EPP data transfers and will utilize the same timeout protection
that is in EPP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com