Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913A1-E/SS Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP3913A1-E/SS
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913A1-E/SS Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP3913A1-E/SS Datasheet HTML 31Page - Microchip Technology MCP3913A1-E/SS Datasheet HTML 32Page - Microchip Technology MCP3913A1-E/SS Datasheet HTML 33Page - Microchip Technology MCP3913A1-E/SS Datasheet HTML 34Page - Microchip Technology MCP3913A1-E/SS Datasheet HTML 35Page - Microchip Technology MCP3913A1-E/SS Datasheet HTML 36Page - Microchip Technology MCP3913A1-E/SS Datasheet HTML 37Page - Microchip Technology MCP3913A1-E/SS Datasheet HTML 38Page - Microchip Technology MCP3913A1-E/SS Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
 2013 Microchip Technology Inc.
DS20005227A-page 35
MCP3913
5.6
Voltage Reference
5.6.1
INTERNAL VOLTAGE REFERENCE
The MCP3913 contains an internal voltage reference
source specially designed to minimize drift over
temperature. In order to enable the internal voltage
reference, the VREFEXT bit in the Configuration
register must be set to ‘0’ (default mode). This internal
VREF supplies reference voltage to all channels. The
typical value of this voltage reference is 1.2V ±2%. The
internal reference has a very low typical temperature
coefficient of ±7 ppm/°C, allowing the output to have
minimal variation, with respect to temperature, since
they are proportional to (1/VREF).
The noise of the internal voltage reference is low
enough not to significantly degrade the SNR of the
ADC, if compared to a precision external low-noise
voltage reference. The output pin for the internal volt-
age reference is REFIN+/OUT.
If the voltage reference is only used as an internal
VREF, adding bypass capacitance on REFIN+/OUT is
not necessary for keeping ADC accuracy, but a minimal
0.1 µF ceramic capacitance can be connected to avoid
EMI/EMC susceptibility issues due to the antenna
created by the REFIN+/OUT pin, if left floating.
The bypass capacitors also help applications where the
voltage reference output is connected to other circuits.
In this case, additional buffering may be needed since
the output drive capability of this output is low.
Adding too much capacitance on the REFIN+/OUT pin
may slightly degrade the THD performance of the
ADCs.
5.6.2
DIFFERENTIAL EXTERNAL
VOLTAGE INPUTS
When the VREFEXT bit is set to ‘1’, the two reference
pins (REFIN+/OUT, REFIN-) become a differential
voltage
reference
input.
The
voltage
at
the
REFIN+/OUT is noted VREF+, and the voltage at the
REFIN- pin is noted VREF-. The differential voltage
input value is shown in Equation 5-4.
EQUATION 5-4:
The specified VREF range is from 1.1V to 1.3V. The
REFIN- pin voltage (VREF-) should be limited to ±0.1V,
with respect to AGND. Typically, for single-ended
reference applications, the REFIN- pin should be
directly connected to AGND, with its own separate track
to avoid any spike due to switching noise.
These buffers are injecting a certain quantity of
1/f noise into the system, noise that can be modulated
with the incoming input signals and that can limit the
SNR at very high OSR (OSR>256). To overcome this
limitation, these buffers include an auto-zeroing
algorithm that greatly diminishes their 1/f noise as well
as their offset, so that the SNR of the system is not
limited by this noise component, even at maximum
OSR. This auto-zeroing algorithm is performed
synchronously with the MCLK coming to the device.
5.6.3
TEMPERATURE COMPENSATION
(VREFCAL<7:0>)
The internal voltage reference consists of a proprietary
circuit and algorithm to compensate first order and sec-
ond order temperature coefficients. The compensation
enables very low temperature coefficients (typically
9 ppm/°C) on the entire range of temperatures, from
- 40°C to +125°C. This temperature coefficient varies
from part to part.
This temperature coefficient can be adjusted on each
part through the VREFCAL<7:0> bits present in the
CONFIG0 register (bits 7 to 0). These register settings
are only for advanced users. VREFCAL<7:0> should
not be modified unless the user wants to calibrate the
temperature coefficient of the whole system or
application. The default value of this register is set to
0x50. The default value (0x50) was chosen to optimize
the standard deviation of the tempco across process
variation. The value can be slightly improved to around
7 ppm/°C if the VREFCAL<7:0> is written at 0x50, but
this setting degrades the standard deviation of the
VREF tempco.The typical variation of the temperature
coefficient of the internal voltage reference with respect
to the VREFCAL register code is shown in Figure 5-6.
Modifying the value stored in the VREFCAL<7:0> bits
may also vary the voltage reference, in addition to the
temperature coefficient.
FIGURE 5-6:
VREF Tempco vs. VREFCAL
Trim Code Chart.
5.6.4
VOLTAGE REFERENCE BUFFERS
Each channel includes a voltage reference buffer tied
to the REFIN+/OUT pin, which allows the internal
capacitors to properly charge with the voltage
reference signals, even in the case of an external
voltage reference connection with weak load regulation
specifications. This ensures that the correct amount of
current is sourced to each channel to guarantee their
accuracy specifications, and diminishes the constraints
on the voltage reference load regulation.
VREF =VREF+– VREF-
0
10
20
30
40
50
60
0
64
128
192
256
VREFCAL Register Trim Code (decimal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com