Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3913A1-E/SS Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP3913A1-E/SS
Description  3V Six-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3913A1-E/SS Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP3913A1-E/SS Datasheet HTML 35Page - Microchip Technology MCP3913A1-E/SS Datasheet HTML 36Page - Microchip Technology MCP3913A1-E/SS Datasheet HTML 37Page - Microchip Technology MCP3913A1-E/SS Datasheet HTML 38Page - Microchip Technology MCP3913A1-E/SS Datasheet HTML 39Page - Microchip Technology MCP3913A1-E/SS Datasheet HTML 40Page - Microchip Technology MCP3913A1-E/SS Datasheet HTML 41Page - Microchip Technology MCP3913A1-E/SS Datasheet HTML 42Page - Microchip Technology MCP3913A1-E/SS Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
 2013 Microchip Technology Inc.
DS20005227A-page 39
MCP3913
FIGURE 5-8:
DR_LINK Configurations.
The external clock should not be higher than 20 MHz
before
prescaling
(MCLK < 20 MHz)
for
proper
operation.
5.13
Digital System Offset and Gain
Calibration Registers
The MCP3913 incorporates two sets of additional
registers per channel to perform system digital offset
and gain error calibration. Each channel has its own set
of associated registers that will modify the output result
of the channel, if calibration is enabled. The gain and
offset calibrations can be enabled or disabled through
two CONFIG0 bits (EN_OFFCAL and EN_GAINCAL).
These two bits enable or disable system calibration on
all channels at the same time. When both calibrations
are enabled, the output of the ADC is modified per
Equation 5.13.1.
5.13.1
DIGITAL OFFSET ERROR
CALIBRATION
The OFFCAL_CHn registers are 23-bit plus two’s
complement registers, and whose LSB value is the
same as the Channel ADC Data. These registers are
added bit by bit to the ADC output codes, if the
EN_OFFCAL bit is enabled. Enabling the EN_OFFCAL
bit does not create a pipeline delay; the offset addition
is instantaneous. For low OSR values, only the
significant digits are added to the output (up to the
resolution of the ADC; for example, at OSR = 32, only
the 17 first bits are added).
The offset is not added when the corresponding
channel is in Reset or Shutdown mode. The
corresponding input voltage offset value added by each
LSB in these 24-bit registers is:
This registers are a “Don't Care” if EN_OFFCAL = 0
(offset calibration disabled), but their value is not
cleared by the EN_OFFCAL bit.
DR
One DRCLK period (OSR times DMCLK periods)
DR_LINK=1
Only the most lagging data ready is present
All channels are latched together at DR
falling edge
DR
DR_LINK=0
All channels data
ready are present
Data ready pulse from odd
channels (reference)
PHASE=0
Data ready pulse from odd
channels (reference)
PHASE=0
PHASE<0
PHASE>0
Data ready pulse from
most lagging ADC channel
Data ready pulse from
most lagging ADC channel
Note:
In addition to the conditions defining the
maximum MCLK input frequency range,
the
AMCLK
frequency
should
be
maintained inferior to the maximum limits
defined in Table 5-2, to ensure the
accuracy of the ADCs. If these limits are
exceeded, it is recommended to choose
either a larger OSR, or a larger prescaler
value so that AMCLK can respect these
limits.
OFFSET(1LSB) = VREF/(PGA_CHn x 1.5 x 8388608)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com