Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3912A1-E/SS Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3912A1-E/SS
Description  3V Four-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3912A1-E/SS Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3912A1-E/SS Datasheet HTML 17Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 18Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 19Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 20Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 21Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 22Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 23Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 24Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
 2014 Microchip Technology Inc.
DS20005348A-page 21
MCP3912
3.14
Master Reset (RESET)
This pin is active-low and places the entire chip in a
Reset state when active.
When RESET is logic low, all registers are reset to their
default value, no communication can take place and no
clock is distributed inside the part, except in the input
structure if MCLK is applied (if MCLK is idle, then no
clock is distributed). This state is equivalent to a Power-
On Reset (POR) state.
Since the default state of the ADCs is on, the analog
power consumption when RESET is logic low is
equivalent to when RESET is logic high. Only the digital
power consumption is largely reduced, because this
current consumption is essentially dynamic and is
reduced drastically when there is no clock running.
All the analog biases are enabled during a Reset, so
that the part is fully operational just after a RESET
rising edge if MCLK is applied when RESET is logic
low. If MCLK is not applied, there is a time after a hard
reset when the conversion may not accurately
correspond to the start-up of the input structure.
This input is Schmitt-triggered.
3.15
Digital Power Supply (DVDD)
DVDD is the power supply voltage for the digital circuitry
within the MCP3912. It is distributed on several pins
(pins 12 and 24 in the QFN-28 package, one pin only in
the SSOP-28 package). For optimal performance, it is
recommended to connect these pins together using a
star connection and to connect appropriate bypass
capacitors (typically a 10 µF in parallel with a 0.1 µF
ceramic). DVDD should be maintained between 2.7V
and 3.6V for specified operation.
At least one of these pins needs to be properly con-
nected to ensure proper functionality of the device. All
of these pins need to be properly connected to ensure
optimal performance of the device. If any of these pins
are left floating, the accuracy and noise specifications
are not ensured.
3.16
Exposed Thermal Pad
This pin must be connected to AGND or left floating for
proper operation. Connecting it to AGND is preferable
for lowest noise performance and best thermal
behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com