Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3912A1-E/SS Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP3912A1-E/SS
Description  3V Four-Channel Analog Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3912A1-E/SS Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP3912A1-E/SS Datasheet HTML 5Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 6Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 7Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 8Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 9Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 10Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 11Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 12Page - Microchip Technology MCP3912A1-E/SS Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
 2014 Microchip Technology Inc.
DS20005348A-page 9
MCP3912
FIGURE 1-1:
Serial Output Timing Diagram.
FIGURE 1-2:
Serial Input Timing Diagram.
FIGURE 1-3:
Data Ready Pulse / Sampling Timing Diagram.
H
FIGURE 1-4:
Timing Diagrams, continued.
tCSH
tDIS
tHI
tLO
fSCK
CS
SCK
SDO
MSB out
LSB out
SDI
Mode 1,1
Mode 0,0
tHO
tDO
DON’T CARE
CS
SCK
SDI
LSB in
MSB in
Mode 1,1
Mode 0,0
t
CSS
t
SU
t
HD
tCSD
t
CSH
t
CLD
t
CLE
SDO
HIGH Z
t
HI
t
LO
fSCK
DR
SCK
tDRP
SDO
1/fD
tDODR
CS
VIH
Waveform for tDIS
HI-Z
90%
10%
tDIS
SDO
SCK
SDO
t
DO
Timing Waveform for tDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com