Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3909-I/SS Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP3909-I/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909-I/SS Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP3909-I/SS Datasheet HTML 19Page - Microchip Technology MCP3909-I/SS Datasheet HTML 20Page - Microchip Technology MCP3909-I/SS Datasheet HTML 21Page - Microchip Technology MCP3909-I/SS Datasheet HTML 22Page - Microchip Technology MCP3909-I/SS Datasheet HTML 23Page - Microchip Technology MCP3909-I/SS Datasheet HTML 24Page - Microchip Technology MCP3909-I/SS Datasheet HTML 25Page - Microchip Technology MCP3909-I/SS Datasheet HTML 26Page - Microchip Technology MCP3909-I/SS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
 2006-2012 Microchip Technology Inc.
DS22025C-page 23
MCP3909
EQUATION 4-2:
ACTIVE POWER HFOUT
FREQUENCY OUTPUT
EQUATION
The constant HFC depends on the FOUT0 and FOUT1
digital settings with the Table 4-3.
The detailed timings of the output pulses are described
in the Timing Characteristics table (see Section 1.0
“Electrical Characteristics” and Figure 1-1).
4.8.1
MINIMAL OUTPUT FREQUENCY
FOR NO-LOAD THRESHOLD
The MCP3909 also includes, on each output fre-
quency, a no-load threshold circuit that will eliminate
any creep effects in the meter. The outputs will not
show any pulse if the output frequency falls below the
no-load threshold. This threshold only applies to the
pulse outputs and does not gate any serial data coming
from either the A/D output or the multiplier output. The
minimum output frequency on FOUT0/1 and HFOUT is
equal to 0.0015% of the maximum output frequency
(respectively FC and HFC) for each of the F2, F1 and F0
selections (see Table 4-2 and Table 4-3); except when
F2, F1, F0 = 011. In this last configuration, the no-load
threshold feature is disabled. The selection of FC will
determine the start-up current load. In order to respect
the IEC standards requirements, the meter will have to
be designed to allow start-up currents compatible with
the standards by choosing the FC value matching
these requirements. For additional applications infor-
mation on no-load threshold, startup current and other
meter design points, refer to AN994, "IEC Compliant
Active Energy Meter Design Using The MCP3905/6”,
(DS00994).
TABLE 4-3:
OUTPUT FREQUENCY CONSTANT HFC FOR HFOUT (VREF =2.4V)
HFOUT Hz

8.06 V0
V1 G
HFC
VREF

2
-----------------------------------------------------------------
=
Where:
V0 = the RMS differential voltage on
Channel 0
V1 = the RMS differential voltage on
Channel 1
G = the PGA gain on Channel 0
(current channel)
HFC = the frequency constant selected
VREF = the voltage reference
F2
F1
F0
HFC
HFC (Hz)
HFC (Hz)
(MCLK = 3.58 MHz)
HFOUT Frequency (Hz) with
full scale AC Inputs
00
0
64 x FC
MCLK/215
109.25
27.21
00
1
32 x FC
MCLK/215
109.25
27.21
01
0
16 x FC
MCLK/215
109.25
27.21
01
1
2048 x FC
MCLK/27
27968.75
6070.12
10
0
128 x FC
MCLK/216
219.51
47.42
10
1
64 x FC
MCLK/216
219.51
47.42
11
0
32 x FC
MCLK/216
219.51
47.42
11
1
16 x FC
MCLK/216
219.51
47.42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com