Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3909-I/SS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3909-I/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909-I/SS Datasheet(HTML) 1 Page - Microchip Technology

  MCP3909-I/SS Datasheet HTML 1Page - Microchip Technology MCP3909-I/SS Datasheet HTML 2Page - Microchip Technology MCP3909-I/SS Datasheet HTML 3Page - Microchip Technology MCP3909-I/SS Datasheet HTML 4Page - Microchip Technology MCP3909-I/SS Datasheet HTML 5Page - Microchip Technology MCP3909-I/SS Datasheet HTML 6Page - Microchip Technology MCP3909-I/SS Datasheet HTML 7Page - Microchip Technology MCP3909-I/SS Datasheet HTML 8Page - Microchip Technology MCP3909-I/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
 2006-2012 Microchip Technology Inc.
DS22025C-page 1
MCP3909
Features
• Supports IEC 62053 International Energy
Metering Specification
• Digital Waveform Data Access Through SPI
Interface
- 16-bit Dual ADC Output Data Words
- 20-bit Multiplier Output Data Word
• Dual Functionality Pins Support Serial Interface
Access and Simultaneous Active Power Pulse
Output
• Two 16-bit Second Order Delta-sigma Analog-
to-Digital Converters (ADCs) with Multi-bit DAC
- 81 dB SINAD (typical) on Both Channels
• 0.1% Typical Active Energy Measurement Error
Over 1000:1 Dynamic Range
• PGA for Small Signal Input Supports Low Value
Shunt Current Sensor
• Ultra-low Drift On-chip Reference,15 ppm/°C
(typical)
• Direct Drive for Electromagnetic Mechanical
Counter and Two-phase Stepper Motors
•Low IDD of 4 mA (maximum)
• Tamper Output Pin for Negative Power Indication
• Temperature Ranges:
- Industrial: -40°C to +85°C
- Extended: -40°C to +125°C
Description
The MCP3909 device is an energy-metering IC
designed to support the IEC 62053 international meter-
ing standard specification. It supplies a frequency out-
put proportional to the average active real power, with
simultaneous serial access to ADC channels and mul-
tiplier output data. This output waveform data is avail-
able at up to 14 kHz with 16-bit ADC output and 20-bit
multiplier output words. The 16-bit, delta-sigma ADCs
allow for a wide range of IB and IMAX currents and/or
small shunt (<200 µOhms) meter designs. A no-load
threshold block prevents any current creep measure-
ments
for
the
active
power
pulse
outputs.
The integrated on-chip voltage reference has an
ultra-low temperature drift of 15 ppm per degree C.
This accurate energy metering IC with high field reli-
ability is available in the industry standard 24-lead
SSOP pinout.
Package Type
FOUT0
DGND
NEG/SDO
1
2
3
4
24
23
22
21
20
19
18
17
5
6
7
8
FOUT1
NC
CLKOUT
CLKIN
DVDD
HPF
AVDD
NC
CH0+
CH0-
CH1-
CH1+
HFOUT
16
9G0
MCLR
15
14
10
11
G1
F0/CS
REFIN/OUT
AGND
13
12
F1/SDI
F2/SCK
24-Lead
SSOP
Energy Metering IC with SPI Interface and Active Power Pulse Output


Similar Part No. - MCP3909-I/SS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3909-I/SS MICROCHIP-MCP3909-I/SS Datasheet
1Mb / 40P
Energy Metering IC with SPI Interface and Active Power Pulse Output
2006
MCP3909-I/SS MICROCHIP-MCP3909-I/SS Datasheet
1Mb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
2009
More results

Similar Description - MCP3909-I/SS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
Energy Metering IC with Pulse Output
REV.B
logo
Microchip Technology
MCP3909 MICROCHIP-MCP3909 Datasheet
1Mb / 40P
Energy Metering IC with SPI Interface and Active Power Pulse Output
2006
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
ENERGY METERING IC WITH PULSE OUTPUT
logo
Microchip Technology
MCP3909 MICROCHIP-MCP3909_09 Datasheet
1Mb / 44P
Energy Metering IC with SPI Interface and Active Power Pulse Output
2009
logo
Analog Devices
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755ARSRL AD-ADE7755ARSRL Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZRL AD-ADE7755ARSZRL Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
AD7755 AD-AD7755_15 Datasheet
275Kb / 16P
Energy Metering IC with Pulse Output
REV. B
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
Energy Metering IC with Pulse Output
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com