Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBC Datasheet(PDF) 184 Page - Texas Instruments

Part # OMAP3530ECBC
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC Datasheet(HTML) 184 Page - Texas Instruments

Back Button OMAP3530ECBC Datasheet HTML 180Page - Texas Instruments OMAP3530ECBC Datasheet HTML 181Page - Texas Instruments OMAP3530ECBC Datasheet HTML 182Page - Texas Instruments OMAP3530ECBC Datasheet HTML 183Page - Texas Instruments OMAP3530ECBC Datasheet HTML 184Page - Texas Instruments OMAP3530ECBC Datasheet HTML 185Page - Texas Instruments OMAP3530ECBC Datasheet HTML 186Page - Texas Instruments OMAP3530ECBC Datasheet HTML 187Page - Texas Instruments OMAP3530ECBC Datasheet HTML 188Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 265 page
background image
A1
A1
E0
T
E1
T
E2
OMAP
E3
T
T
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Figure 6-22 shows the topology and routing for the DQS and DQ net classes; the routes are point to point.
Skew matching across bytes is not needed nor recommended.
Figure 6-22. DQS and DQ Routing and Topology
Table 6-21. DQS and DQ Routing Specification(1)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
NOTES
2
DQS E Skew Length Mismatch
25
Mils
Center to Center DQS to other LPDDR
3
4w
See Note(2)
trace spacing
4
DQS/DQ nominal trace length
DQLM - 50
DQLM
DQLM + 50
Mils
See Note(3)
5
DQ to DQS Skew Length Mismatch
100
Mils
6
DQ to DQ Skew Length Mismatch
100
Mils
Center to Center DQ to other LPDDR
7
4w
See Note(2)
trace spacing
Center to Center DQ to other DQ trace
8
3w
See Note(2),(4)
spacing
9
DQ E Skew Length Mismatch
100
Mils
(1)
Series terminator, if used, should be located closest to LPDDR.
(2)
Center to center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(3)
Center to center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(4)
DQLM is the longest Manhattan distance of the DQS and DQ net classes.
184
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com