Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBC Datasheet(PDF) 67 Page - Texas Instruments

Part # OMAP3530ECBC
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC Datasheet(HTML) 67 Page - Texas Instruments

Back Button OMAP3530ECBC Datasheet HTML 63Page - Texas Instruments OMAP3530ECBC Datasheet HTML 64Page - Texas Instruments OMAP3530ECBC Datasheet HTML 65Page - Texas Instruments OMAP3530ECBC Datasheet HTML 66Page - Texas Instruments OMAP3530ECBC Datasheet HTML 67Page - Texas Instruments OMAP3530ECBC Datasheet HTML 68Page - Texas Instruments OMAP3530ECBC Datasheet HTML 69Page - Texas Instruments OMAP3530ECBC Datasheet HTML 70Page - Texas Instruments OMAP3530ECBC Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-2. Ball Characteristics (CBC Pkg.)(1) (continued)
BALL
BALL
BUFFER
PULLUP
BALL
BALL TOP
PIN NAME
RESET REL.
MODE [4]
TYPE [5]
RESET
RESET REL.
POWER [9]
HYS [10]
STRENG TH
/DOWN
IO CELL [13]
BOTTOM [1]
[2]
[3]
MODE [8]
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
safe_mode
7
-
U4
NA
mcbsp4_dr
0
I
L
L
7
vdds
Yes
4
(22)
PU100/
LVCMOS
PD100
gpio_153
4
IO
hsusb3_tll_d
5
IO
ata0
mm3_rxrcv
6
IO
safe_mode
7
-
R3
NA
mcbsp4_dx
0
IO
L
L
7
vdds
Yes
4
(22)
PU100/
LVCMOS
PD100
gpio_154
4
IO
hsusb3_tll_d
5
IO
ata2
mm3_txdat
6
IO
safe_mode
7
-
T3
NA
mcbsp4_fsx
0
IO
L
L
7
vdds
Yes
4
(22)
PU100/
LVCMOS
PD100
gpio_155
4
IO
hsusb3_tll_d
5
IO
ata3
mm3_txen_n
6
IO
safe_mode
7
-
M3
NA
mmc2_dat5
0
IO
L
L
7
vdds
Yes
4
(23)
PU100/
LVCMOS
PD100
mmc2_dir_da
1
O
t1
cam_global_r
2
IO
eset
mmc3_dat1
3
IO
gpio_137
4
IO
hsusb3_tll_st
5
I
p
mm3_rxdp
6
IO
safe_mode
7
-
L3
NA
mmc2_dat6
0
IO
L
L
7
vdds
Yes
4
(23)
PU100/
LVCMOS
PD100
mmc2_dir_c
1
O
md
cam_shutter
2
O
mmc3_dat2
3
IO
gpio_138
4
IO
hsusb3_tll_di
5
O
r
safe_mode
7
-
K3
NA
mmc2_dat7
0
IO
L
L
7
vdds
Yes
4
(23)
PU100/
LVCMOS
PD100
mmc2_clkin
1
I
mmc3_dat3
3
IO
gpio_139
4
IO
hsusb3_tll_n
5
IO
xt
mm3_rxdm
6
IO
safe_mode
7
-
W2
NA
uart1_cts
0
I
L
L
7
vdds
Yes
4
(23)
PU100/
LVCMOS
PD100
gpio_150
4
IO
hsusb3_tll_cl
5
O
k
safe_mode
7
-
(23) The capacity load range is [2 pf to 6 pF].
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
67
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com