Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBC Datasheet(PDF) 47 Page - Texas Instruments

Part # OMAP3530ECBC
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC Datasheet(HTML) 47 Page - Texas Instruments

Back Button OMAP3530ECBC Datasheet HTML 43Page - Texas Instruments OMAP3530ECBC Datasheet HTML 44Page - Texas Instruments OMAP3530ECBC Datasheet HTML 45Page - Texas Instruments OMAP3530ECBC Datasheet HTML 46Page - Texas Instruments OMAP3530ECBC Datasheet HTML 47Page - Texas Instruments OMAP3530ECBC Datasheet HTML 48Page - Texas Instruments OMAP3530ECBC Datasheet HTML 49Page - Texas Instruments OMAP3530ECBC Datasheet HTML 50Page - Texas Instruments OMAP3530ECBC Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-2. Ball Characteristics (CBC Pkg.)(1)
BALL
BALL
BUFFER
PULLUP
BALL
BALL TOP
PIN NAME
RESET REL.
MODE [4]
TYPE [5]
RESET
RESET REL.
POWER [9]
HYS [10]
STRENG TH
/DOWN
IO CELL [13]
BOTTOM [1]
[2]
[3]
MODE [8]
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
AE16
NA
cam_d0
0
I
L
L
7
vdds
Yes
4
PU100/
LVCMOS
PD100
gpio_99
4
I
safe_mode
7
-
AE15
NA
cam_d1
0
I
L
L
7
vdds
Yes
4
PU100/
LVCMOS
PD100
gpio_100
4
I
safe_mode
7
-
AD17
NA
gpio_112
4
I
L
L
7
vdds
Yes
4
PU100/
LVCMOS
PD100
safe_mode
7
-
AE18
NA
gpio_114
4
I
L
L
7
vdds
Yes
4
PU100/
LVCMOS
PD100
safe_mode
7
-
AD16
NA
gpio_113
4
I
L
L
7
vdds
Yes
4
PU100/
LVCMOS
PD100
safe_mode
7
-
AE17
NA
gpio_115
4
I
L
L
7
vdds
Yes
4
PU100/
LVCMOS
PD100
safe_mode
7
-
NA
G20
sdrc_a0
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
K20
sdrc_a1
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
J20
sdrc_a2
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
J21
sdrc_a3
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
U21
sdrc_a4
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
R20
sdrc_a5
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
M21
sdrc_a6
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
M20
sdrc_a7
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
N20
sdrc_a8
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
K21
sdrc_a9
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
Y16
sdrc_a10
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
N21
sdrc_a11
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
R21
sdrc_a12
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
AA15
sdrc_a13
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
Y12
sdrc_a14
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
AA18
sdrc_ba0
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
V20
sdrc_ba1
0
O
0
0
0
vdds
No
4
(2)
NA
LVCMOS
NA
Y15
sdrc_cke0
0
O
H
1
7
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
safe_mode
7
NA
Y13
sdrc_cke1
0
O
H
1
7
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
safe_mode
7
NA
A12
sdrc_clk
0
IO
L
0
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
NA
D1
sdrc_d0
0
IO
L
Z
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
NA
G1
sdrc_d1
0
IO
L
Z
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
NA
G2
sdrc_d2
0
IO
L
Z
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
NA
E1
sdrc_d3
0
IO
L
Z
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
NA
D2
sdrc_d4
0
IO
L
Z
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
NA
E2
sdrc_d5
0
IO
L
Z
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
(1)
NA in this table stands for Not Applicable.
(2)
The drive strength is programmable vs the capacity load: load range = [2 pF to 6 pF] per default or [6 pF to 12 pF] according to the
selected mode.
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
47
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com