Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBC Datasheet(PDF) 145 Page - Texas Instruments

Part # OMAP3530ECBC
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC Datasheet(HTML) 145 Page - Texas Instruments

Back Button OMAP3530ECBC Datasheet HTML 141Page - Texas Instruments OMAP3530ECBC Datasheet HTML 142Page - Texas Instruments OMAP3530ECBC Datasheet HTML 143Page - Texas Instruments OMAP3530ECBC Datasheet HTML 144Page - Texas Instruments OMAP3530ECBC Datasheet HTML 145Page - Texas Instruments OMAP3530ECBC Datasheet HTML 146Page - Texas Instruments OMAP3530ECBC Datasheet HTML 147Page - Texas Instruments OMAP3530ECBC Datasheet HTML 148Page - Texas Instruments OMAP3530ECBC Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
and Table 4-16 show the DPLL1 and DPLL2 clock frequency ranges.
Note: The DPLL1 and DPLL2 clock frequency ranges depend on the VDD1 (vdd_mpu _iva) operating point.
Table 4-15. DPLL1 Clock Frequency Ranges
Clock Signal
Description
Max
Unit
OPP6(1)
720
MHz
OPP5
600
MHz
OPP4
550
MHz
ARM_CLK
DPLL1 output clock.
OPP3
500
MHz
OPP2
250
MHz
OPP1(2)
125
MHz
(1)
OPP6 frequency range is only supported on high-speed grade OMAP3530/25 devices.
(2)
Cannot boot in OPP1. If OPP1 is desired, boot in higher OPP then switch to OPP1.
Table 4-16. DPLL2 Clock Frequency Ranges
Clock Signal
Description
Max
Unit
OPP6(1)
520
MHz
OPP5
430
MHz
OPP4
400
MHz
Generated from DPLL2 output
IVA2_CLK
clock.
OPP3
360
MHz
OPP2
180
MHz
OPP1(2)
90
MHz
(1)
OPP6 frequency range is only supported on high-speed grade OMAP3530/25 devices.
(2)
Cannot boot in OPP1. If OPP1 is desired, boot in higher OPP then switch to OPP1.
Table 4-17 through Table 4-19 show the DPLL3 clock frequency ranges.
Note: The DPLL3 clock frequency ranges depend on the VDD2 (vdd_core) operating point and the L3
clock speed configuration.
Table 4-17. DPLL3 Clock Frequency Ranges, VDD2 OPP3
Config 1
Config 2
(166 MHz)
(133 MHz)
Unit
Clock Signal
Description
Min
Max
Min
Max
Output of clock manager (CM), generated
CM: CORE_CLK
-
332
-
266
MHz
directly from DPLL3.
Output of clock manager (CM), generated
CM: L3_ICLK
-
166
-
133
MHz
using DPLL3.
Output of clock manager (CM), generated
CM: L4_ICLK
-
83
-
66.5
MHz
using CM L3_ICLK and divider.
SGX
SGX input clock, taken from CM CORE_CLK.
-
110.67
-
88.67
MHz
SDRC
SDRC input clock, taken from CM L3_ICLK.
-
166
-
133
MHz
GPMC
GPMC input clock, taken from CM L3_ICLK.
-
83
-
66.5
MHz
Table 4-18. DPLL3 Clock Frequency Ranges, VDD2 OPP2
Config 1
Config 2
(83 MHz)
(100 MHz)
Unit
Clock Signal
Description
Min
Max
Min
Max
Output of clock manager (CM), generated
CM: CORE_CLK
-
166
-
200
MHz
directly from DPLL3.
Output of clock manager (CM), generated using
CM: L3_ICLK
-
83
-
100
MHz
DPLL3.
Copyright © 2008–2013, Texas Instruments Incorporated
CLOCK SPECIFICATIONS
145
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com