Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV376IDBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV376IDBVR
Description  TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV376IDBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV376IDBVR Datasheet HTML 7Page - Texas Instruments TLV376IDBVR Datasheet HTML 8Page - Texas Instruments TLV376IDBVR Datasheet HTML 9Page - Texas Instruments TLV376IDBVR Datasheet HTML 10Page - Texas Instruments TLV376IDBVR Datasheet HTML 11Page - Texas Instruments TLV376IDBVR Datasheet HTML 12Page - Texas Instruments TLV376IDBVR Datasheet HTML 13Page - Texas Instruments TLV376IDBVR Datasheet HTML 14Page - Texas Instruments TLV376IDBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
10
1k
100
10
1
0.1
Frequency (Hz)
10M
1k
100
10k
100k
1M
400- A Load
m
2-mA Load
1
100
10
1
0.1
Closed-LoopGain(V/V)
100
10
0.01%
0.1%
10
140
120
100
80
60
40
0
Frequency(Hz)
100M
1k
100
10M
10k
100k
1M
20
11
TLV376, TLV2376, TLV4376
www.ti.com
SBOS755 – OCTOBER 2016
Product Folder Links: TLV376 TLV2376 TLV4376
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
Figure 19. Settling Time vs Closed-Loop Gain
Figure 20. Channel Separation vs Frequency
Figure 21. Open-Loop Output Resistance vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com