Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV376IDBVR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV376IDBVR
Description  TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV376IDBVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV376IDBVR Datasheet HTML 8Page - Texas Instruments TLV376IDBVR Datasheet HTML 9Page - Texas Instruments TLV376IDBVR Datasheet HTML 10Page - Texas Instruments TLV376IDBVR Datasheet HTML 11Page - Texas Instruments TLV376IDBVR Datasheet HTML 12Page - Texas Instruments TLV376IDBVR Datasheet HTML 13Page - Texas Instruments TLV376IDBVR Datasheet HTML 14Page - Texas Instruments TLV376IDBVR Datasheet HTML 15Page - Texas Instruments TLV376IDBVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
e-trim
TM
POR
OUT
V+
V
IN
+IN
TLVx376
Copyright © 2016, Texas Instruments Incorporated
12
TLV376, TLV2376, TLV4376
SBOS755 – OCTOBER 2016
www.ti.com
Product Folder Links: TLV376 TLV2376 TLV4376
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLVx376 family belongs to a new generation of low-noise operational amplifiers with e-trim™, giving
customers outstanding dc precision and ac performance. Low noise, rail-to-rail input and output, and low offset,
drawing a low quiescent current, make these devices ideal for a variety of precision and portable applications. In
addition, this family of devices have a wide supply range with excellent PSRR, making the TLVx376 a suitable
option for applications that are battery-powered without regulation.
7.2 Functional Block Diagram
7.3 Feature Description
The TLVx376 family of precision amplifiers offers excellent dc performance as well as excellent ac performance.
Operating from a single power supply, the TLVx376 is capable of driving large capacitive loads, has a wide input
common-mode voltage range, and is well-suited to drive the inputs of successive-approximation register (SAR)
analog-to-digital converters (ADCs) as well as 24-bit and higher resolution converters. All devices feature internal
ESD protection. The TLVx376 family is offered in a variety of industry-standard packages for applications that
require space savings.
7.3.1 Operating Voltage
The TLVx376 family of amplifiers operate over a power-supply range of 2.2 V to 5.5 V (±1.1 V to ±2.75 V). Many
of the specifications apply from –40°C to +125°C. Parameters that can exhibit significant variance with regard to
operating voltage or temperature are presented in the Typical Characteristics section.
7.3.2 Capacitive Load and Stability
The TLVx376 series of amplifiers can be used in applications where driving a capacitive load is required. As with
all op amps, there can be specific instances where the TLVx376 can become unstable, leading to oscillation. The
particular op amp circuit configuration, layout, gain, and output loading are some of the factors to consider when
establishing whether an amplifier is stable in operation or not. An op amp in the unity-gain (+1 V/V) buffer
configuration and driving a capacitive load exhibits a greater tendency to be unstable than an amplifier operated
at a higher noise gain. The capacitive load, in conjunction with the op amp output resistance, creates a pole
within the feedback loop that degrades the phase margin. The phase margin reduces when the capacitive
loading increases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com