Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLC65-12 Datasheet(PDF) 1 Page - SL Power Electronics

Part # GLC65-12
Description  65 Watt Single Output Global Performance Switchers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLC65-12 Datasheet(HTML) 1 Page - SL Power Electronics

  GLC65-12 Datasheet HTML 1Page - SL Power Electronics GLC65-12 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inrush Current
Inrush is limited by internal thermistor. The inrush at 240 Vac, averaged over the
first ac half-cycle under cold start conditions will not exceed 37A.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the following emissions
requirements:
Ac Input
90-264 Vac, 47-63 Hz single phase.
Input Current
Maximum input current at minimum output voltage and output overload
will be less than 1.7 A. Meets input current harmonic requirements of
IEC1000-3-2.
Output Power
Normal continuous output power is 65 W, 75 W peak for 60 s. The 3.3 Vdc unit
is 36.3 W and the 5 Vdc unit is 55 W continuous.
Hold-Up Time
20 ms from loss of ac input at 65 W load, from 120 Vac input.
Overload Protection
Fully protected against short circuit and output overload. Short circuit protec-
tion is cycling type power limit.
Output Noise
0.5% rms, 1% pk-pk, 20 MHz bandwidth, differential mode. Measured with
scope probe directly across output terminals of the power supply with load
terminated with 0.1 μF capacitor.
Transient Response
Main output: 500 μs typical response time for return to within 0.5% of final
value for a 50% load step within the regulation limits of minimum and maxi-
mum load, ∆i/∆t<0.2 A/μs. Maximum voltage deviation is 3.5%. Startup/shut-
down overshoot less than 3%.
Voltage Adjustment
Adjustable potentiometer capable of ±5% change from nominal setting.
Efficiency
82 to 94% minimum at full rated load, nominal input voltage, depending on
model.
Minimum Load
No minimum load required.
GLC65 Commercial/GLM65 Medical
65 Watt Single Output Global Performance Switchers
• 4.1 W/in3
• Compact (3.0” x 5.0” x 1.06”)
• Ultra-high efficiency (up to 94%) using patented
technology
• Meets harmonic requirements of IEC1000-3-2, Class A
• Conducted EMI exceeds FCC Class B and CISPR 22
Class B (Commercial models) and CISPR 11 Class B
(Medical models)
• 2-year warranty
• Exempt from line harmonics standard EN61000-3-2
• Commercial Approved to UL1950, IEC950, EN60950,
CSA22.2 No. 950
• Medical Approved to UL2601, EN60601, CSA22.2
No. 601.1
• Multiple output versions also available
• RoHS models available (G suffix)
GLOBAL PERFORMANCE SWITCHERS
All specifications are typical at nominal input, full load at 25OC unless otherwise stated
FEATURES:
SPECIFICATIONS
•
marked to LVD
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions GLC65
Conducted Emissions GLM65
Static Discharge
RF Field Susceptibility
Fast Transients/Bursts
Surge Susceptibility
EN55022 Class B; FCC Class B
EN55011 Class B: FCC Class B
EN61000-4-2, 6 kV contact, 8 kV air
EN61000-4-3, 3 V/meter
EN61000-4-4, 2 kV, 5 kHz
EN61000-4-5, 1 kV diff., 2 kV com.
Commercial Leakage Current
Under normal conditions, leakage current is 425 μA with 132 Vac @ 60 Hz input.
Commercial Safety
All GLC models are approved to UL1950, CSA22.2 No. 950, IEC950 and EN60950.
Medical Leakage Current
The maximum leakage current under single-fault conditions (254 Vac @ 50 Hz) is
120 μA. Under normal conditions, leakage current is 31μA with 132 Vac @ 60 Hz
input.
Medical Safety
All GLM models are approved to UL2601, CSA22.2 No. 601, IEC601-1 and EN60601.
Consult factory for approval status.
Temperature Coefficient: 0.03%°C typical on all outputs.
Remote Sense
Provided as standard feature on all models. Includes open sense protection.


Similar Part No. - GLC65-12

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC65-12 SLPOWER-GLC65-12 Datasheet
309Kb / 2P
65 Watt Single Output Global Performance Switchers
More results

Similar Description - GLC65-12

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GLC65 SLPOWER-GLC65 Datasheet
309Kb / 2P
65 Watt Single Output Global Performance Switchers
GLC75 SLPOWER-GLC75 Datasheet
321Kb / 2P
75 Watt Multiple Output Global Performance Switchers
GPC80 SLPOWER-GPC80 Datasheet
332Kb / 2P
80 Watt Global Single and Multiple Output Performance Switchers
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
160 Watt Global Performance Switchers
GSM7 SLPOWER-GSM7 Datasheet
53Kb / 2P
7 Watt Single Output Global Performance Switchers
logo
List of Unclassifed Man...
GLM75-12 ETC2-GLM75-12 Datasheet
203Kb / 2P
75 Watt Single Output Global Performance Switchers
GLM75-24G ETC2-GLM75-24G Datasheet
203Kb / 2P
75 Watt Single Output Global Performance Switchers
logo
SL Power Electronics
GLC65H SLPOWER-GLC65H Datasheet
310Kb / 2P
65 Watt Multiple Output Global Performance Switchers
GLM65 SLPOWER-GLM65 Datasheet
310Kb / 2P
65 Watt Multiple Output Global Performance Switchers
GLM75 SLPOWER-GLM75 Datasheet
321Kb / 2P
75 Watt Multiple Output Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com