Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLC65-12 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GLC65-12
Description  65 Watt Single Output Global Performance Switchers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLC65-12 Datasheet(HTML) 2 Page - SL Power Electronics

  GLC65-12 Datasheet HTML 1Page - SL Power Electronics GLC65-12 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL Power Electronics Corp., 6050 King Drive, Bldg. A, Ventura, CA 93003, USA. Phone:(805) 486 4565 Fax:(805) 487 8911 www.slpower.com Rev. 01/07.
Data Sheet © 2007 SL Power Electronics, Inc. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
ENVIRONMENTAL SPECIFICATIONS OPERATING
NON-OPERATING
Temperature (A)
0 to 50°
-40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (B)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (C)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
GLC65/GLM65 - SINGLE OUTPUT - MECHANICAL SPECIFICATIONS
A. Units should be allowed to warm up/operate under non-condensing
conditions before application of power. Derate output current and total
output power by 2.5% per °C above 50°C.
B. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3
orthogonal axes, total 6 shocks.
C. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to
2000Hz, 3 orthogonal axes. Tested for 10 min./axis operating and 1hr./
axis non-operating.
Commercial
Model
Medical
Model
Output
Current
Total
Regulation
V1 Adjustment
V1 OVP Setpoint
Ripple
and Noise
GLC65-5
GLM65-5
5.1 V
9/11 A *
2%
±5%
6.2 ± 0.6 V
1%
GLC65-12
GLM65-12
12 V
5.5 A
2%
±5%
14 ± 1.1 V
1%
GLC65-15
GLM65-15
15 V
4.3 A
2%
±5%
18.5 ± 1.5 V
1%
GLC65-18
GLM65-18
18 V
3.6 A
2%
±5%
21.7 ± 2.0 V
1%
GLC65-20
GLM65-20
20V
3.25 A
2%
±5%
24.5 ± 2.2 V
1%
GLC65-24
GLM65-24
24 V
2.7 A
2%
±5%
28 ± 2.5 V
1%
GLC65-28
GLM65-28
28 V
2.3 A
2%
±5%
34 ± 2.8 V
1%
GLC65-48
GLM65-48
48 V
1.35 A
2%
±5%
55 ± 4.0 V
1%
1.20 30.28
Note:
* 9 A convection, 11 A with fan cooling



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com